Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCP8F01 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCP8F01
Description  TOSHIBA Multi-chip Device Silicon PNP Epitaxial Transistor , Field Effect Transistor Silicon N Channel MOS Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8F01 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCP8F01 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TPCP8F01
2006-11-13
4
PNP
0.001
1
0.01
0.1
1
10
10000
1000
100
10
Common emitter
VCE = −2 V
Single nonrepetitive pulse
Ta
= 100°C
−55°C
25°C
0.001
0.01
0.01
0.1
1
10
0.1
10
1
Ta
= −55°C
100°C
25°C
0.001
0.001
0.01
0.1
1
10
0.01
1
0.1
Common emitter
β
= 30
Single nonrepetitive pulse
Ta
= 100°C
−55°C
25°C
0
0
−0.4
−0.8
−1.6
−4
−5
−55°C
Ta
= 100°C
25°C
Collector-emitter voltage VCE
(V)
IC – VCE
Collector current
IC (A)
hFE – IC
Collector current
IC (A)
VCE (sat) – IC
Collector current
IC (A)
VBE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
0
0
−0.4
−0.8
−1.6
−2.4
−1
−5
−6
Common emitter
Ta
= 25°C
Single nonrepetitive pulse
−40 mA
−10 mA
IB = −5 mA
−100 mA
−60 mA
−80 mA
−1.2
−2.0
−3
−4
−2
−20 mA
Common emitter
β
= 30
Single nonrepetitive pulse
Common emitter
VCE = −2 V
Single nonrepetitive pulse
−3
−1
−2
−1.2


Similar Part No. - TPCP8F01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8F01 TOSHIBA-TPCP8F01 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPCP8F01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8H02 TOSHIBA-TPCP8H02 Datasheet
249Kb / 8P
   TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
TPCP8H01 TOSHIBA-TPCP8H01 Datasheet
253Kb / 8P
   TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com