Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCF8303 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPCF8303
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8303 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TPCF8303 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8303 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8303 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8303 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8303 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8303 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8303 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPCF8303
2006-11-16
6
Single pulse
Ta = 25℃
Curves must be derated linearly
with increase in temperature.
ID max (pulse) *
100
μs *
1 ms *
VDSS max
Drain-source voltage VDS (V)
Safe Operating Area
-10
-0.1
-100
-10
-1
-100
-1
-0.1
(4)
(3)
(2)
(1)
rth – tw
Pulse width tw (s)
Device mounted on a glass-epoxy board (a) (Note 2a)
(1)Single-device operation (Note 3a)
(2)Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b) (Note 2b)
(3)Single-device operation (Note 3a)
(4)Single-device value at dual operation (Note 3b)
Single pulse
0.001
10
100
1000
0.01
0.1
1
10
100
1000
1


Similar Part No. - TPCF8303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8303 TOSHIBA-TPCF8303 Datasheet
118Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
More results

Similar Description - TPCF8303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8111 TOSHIBA-TPC8111 Datasheet
399Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPC8113 TOSHIBA-TPC8113 Datasheet
232Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCS8105 TOSHIBA-TPCS8105 Datasheet
270Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8302 TOSHIBA-TPCF8302 Datasheet
273Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8304 TOSHIBA-TPCF8304 Datasheet
260Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS IV)
TPCF8303 TOSHIBA-TPCF8303 Datasheet
118Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8026 TOSHIBA-TPC8026 Datasheet
207Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
2009-09-29
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com