Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCF8001 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCF8001
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8001 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCF8001 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCF8001
2007-01-16
3
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut-off current
IDSS
VDS = 30 V, VGS = 0 V
10
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
15
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1mA
1.3
2.5
V
VGS = 4.5 V, ID = 3.5 A
24
31
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 3.5 A
19
23
m
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 3.5 A
4
8
S
Input capacitance
Ciss
1270
Reverse transfer capacitance
Crss
150
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
190
pF
Rise time
tr
3.8
Turn-on time
ton
9.4
Fall time
tf
8.4
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 μs
40
ns
Total gate charge
(gate-source plus gate-drain)
Qg
25.4
Gate-source charge 1
Qgs1
3.6
Gate-drain (“miller”) charge
Qgd
VDD ∼− 24 V, VGS = 10 V,
ID = 7.0 A
6.2
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain reverse
current
Pulse (Note 1)
IDRP
28
A
Forward voltage (diode)
VDSF
IDR = 7.0 A, VGS = 0 V
-1.2
V
VDD ∼− 15 V
0V
VGS
10 V
ID = 3.5 A
VOUT


Similar Part No. - TPCF8001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8002 TOSHIBA-TPCF8002 Datasheet
236Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8002 TOSHIBA-TPCF8002 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TPCF8003 TOSHIBA-TPCF8003 Datasheet
238Kb / 7P
   notebook PC Applications Portable Equipment Applications
TPCF8003 TOSHIBA-TPCF8003 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TPCF8004 TOSHIBA-TPCF8004 Datasheet
234Kb / 9P
   Lithium-Ion Secondary Batteries
More results

Similar Description - TPCF8001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8211 TOSHIBA-TPC8211 Datasheet
171Kb / 4P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCF8201 TOSHIBA-TPCF8201_07 Datasheet
232Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
SSM3K15AFU TOSHIBA-SSM3K15AFU Datasheet
236Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCP8201 TOSHIBA-TPCP8201_07 Datasheet
250Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPC8014 TOSHIBA-TPC8014 Datasheet
213Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPC8210 TOSHIBA-TPC8210 Datasheet
229Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com