Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCH245PWRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALVCH245PWRE4
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH245PWRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVCH245PWRE4 Datasheet HTML 1Page - Texas Instruments SN74ALVCH245PWRE4 Datasheet HTML 2Page - Texas Instruments SN74ALVCH245PWRE4 Datasheet HTML 3Page - Texas Instruments SN74ALVCH245PWRE4 Datasheet HTML 4Page - Texas Instruments SN74ALVCH245PWRE4 Datasheet HTML 5Page - Texas Instruments SN74ALVCH245PWRE4 Datasheet HTML 6Page - Texas Instruments SN74ALVCH245PWRE4 Datasheet HTML 7Page - Texas Instruments SN74ALVCH245PWRE4 Datasheet HTML 8Page - Texas Instruments SN74ALVCH245PWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
DGV, DW, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
SN74ALVCH245
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES119G – JULY 1997 – REVISED SEPTEMBER 2004
Operates From 1.65 V to 3.6 V
Max tpd of 3.4 ns at 3.3 V
±24-mA Output Drive at 3.3 V
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
This octal bus transceiver is designed for 1.65-V to
3.6-V VCC operation.
The SN74ALVCH245 is designed for asynchronous
communication between data buses. The device
transmits data from the A bus to the B bus or from
the B bus to the A bus, depending on the logic level
at the direction-control (DIR) input. The output-enable
(OE) input can be used to disable the device so the
buses are effectively isolated.
<br/>
To ensure the high-impedance state during power up or power down, OE should be tied to V
CC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74ALVCH245DW
SOIC - DW
ALVCH245
Tape and reel
SN74ALVCH245DWR
SOP - NS
Tape and reel
SN74ALVCH245NSR
ALVCH245
-40
°C to 85°C
Tube
SN74ALVCH245PW
TSSOP - PW
VB245
Tape and reel
SN74ALVCH245PWR
TVSOP - DGV
Tape and reel
SN74ALVCH245DGVR
VB245
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OPERATION
OE
DIR
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74ALVCH245PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH245PW TI-SN74ALVCH245PW Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH245PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11620 TI1-74ACT11620 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com