Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP3N60C3D Datasheet(PDF) 2 Page - Harris Corporation

Part # HGTP3N60C3D
Description  6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HGTP3N60C3D Datasheet(HTML) 2 Page - Harris Corporation

  HGTP3N60C3D_07 Datasheet HTML 1Page - Harris Corporation HGTP3N60C3D_07 Datasheet HTML 2Page - Harris Corporation HGTP3N60C3D_07 Datasheet HTML 3Page - Harris Corporation HGTP3N60C3D_07 Datasheet HTML 4Page - Harris Corporation HGTP3N60C3D_07 Datasheet HTML 5Page - Harris Corporation HGTP3N60C3D_07 Datasheet HTML 6Page - Harris Corporation HGTP3N60C3D_07 Datasheet HTML 7Page - Harris Corporation HGTP3N60C3D_07 Datasheet HTML 8Page - Harris Corporation HGTP3N60C3D_07 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Electrical Specifications
TC = +25
oC, Unless Otherwise Specified
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Collector-Emitter Breakdown Voltage
BVCES
IC = 250µA, VGE = 0V
600
-
-
V
Collector-Emitter Leakage Current
ICES
VCE = BVCES
TC = +25
oC
-
-
250
µA
VCE = BVCES
TC = +150
oC
-
-
2.0
mA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC = IC110,
VGE = 15V
TC = +25
oC
-
1.65
2.0
V
TC = +150
oC
-
1.85
2.2
V
Gate-Emitter Threshold Voltage
VGE(TH)
IC = 250µA,
VCE = VGE
TC = +25
oC
3.0
5.5
6.0
V
Gate-Emitter Leakage Current
IGES
VGE = ±25V
-
-
±250
nA
Switching SOA
SSOA
TJ = +150
oC
RG = 82Ω
VGE = 15V
L = 1mH
VCE(PK)=480V
18
-
-
A
VCE(PK)=600V
2
-
-
A
Gate-Emitter Plateau Voltage
VGEP
IC = IC110, VCE = 0.5 BVCES
-
8.3
-
V
On-State Gate Charge
QG(ON)
IC = IC110,
VCE = 0.5 BVCES
VGE = 15V
-
10.8
13.5
nC
VGE = 20V
-
13.8
17.3
nC
Current Turn-On Delay Time
tD(ON)I
TJ = 150
oC
ICE = IC110
VCE(PK) = 0.8 BVCES
VGE = 15V
RG = 82Ω
L = 1mH
-5-
ns
Current Rise Time
tRI
-10-
ns
Current Turn-Off Delay Time
tD(OFF)I
-
325
400
ns
Current Fall Time
tFI
-
130
275
ns
Turn-On Energy
EON
-85-
µJ
Turn-Off Energy (Note 1)
EOFF
-
245
-
µJ
Diode Forward Voltage
VEC
IEC = 3A
-
2.0
2.5
V
Diode Reverse Recovery Time
tRR
IEC = 3A, dIEC/dt = 200A/µs
-
22
28
ns
IEC = 1A, dIEC/dt = 200A/µs
-
17
22
ns
Thermal Resistance
RθJC
IGBT
-
-
3.75
oC/W
Diode
-
-
3.0
oC/W
NOTE:
1. Turn-Off Energy Loss (EOFF) is defined as the integral of the instantaneous power loss starting at the trailing edge of the input pulse and
ending at the point where the collector current equals zero (ICE = 0A). The HGTP3N60C3D, HGT1S3N60C3D, and HGT1S3N60C3DS
were tested per JEDEC standard No. 24-1 Method for Measurement of Power Device Turn-Off Switching Loss. This test method produces
the true total Turn-Off Energy Loss. Turn-On losses include diode losses.
HARRIS SEMICONDUCTOR IGBT PRODUCT IS COVERED BY ONE OR MORE OF THE FOLLOWING U.S. PATENTS:
4,364,073
4,417,385
4,430,792
4,443,931
4,466,176
4,516,143
4,532,534
4,567,641
4,587,713
4,598,461
4,605,948
4,618,872
4,620,211
4,631,564
4,639,754
4,639,762
4,641,162
4,644,637
4,682,195
4,684,413
4,694,313
4,717,679
4,743,952
4,783,690
4,794,432
4,801,986
4,803,533
4,809,045
4,809,047
4,810,665
4,823,176
4,837,606
4,860,080
4,883,767
4,888,627
4,890,143
4,901,127
4,904,609
4,933,740
4,963,951
Specifications HGTP3N60C3D, HGT1S3N60C3D, HGT1S3N60C3DS


Similar Part No. - HGTP3N60C3D_07

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGTP3N60C3D HARRIS-HGTP3N60C3D Datasheet
327Kb / 7P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTP3N60C3D INTERSIL-HGTP3N60C3D Datasheet
273Kb / 7P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
More results

Similar Description - HGTP3N60C3D_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP3N60C3D INTERSIL-HGTP3N60C3D Datasheet
273Kb / 7P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Harris Corporation
HGTP3N60C3D HARRIS-HGTP3N60C3D Datasheet
327Kb / 7P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG12N60C3D INTERSIL-HGTG12N60C3D Datasheet
98Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG30N60B3D INTERSIL-HGTG30N60B3D Datasheet
109Kb / 7P
   60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60B3D INTERSIL-HGTG20N60B3D Datasheet
135Kb / 6P
   40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG20N60C3D FAIRCHILD-HGTG20N60C3D Datasheet
123Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG20N60C3D INTERSIL-HGTG20N60C3D Datasheet
82Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP3N60B3D INTERSIL-HGTP3N60B3D Datasheet
154Kb / 7P
   7A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Harris Corporation
HGTG12N60C3D HARRIS-HGTG12N60C3D Datasheet
102Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG20N60B3D FAIRCHILD-HGTG20N60B3D Datasheet
179Kb / 7P
   40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com