Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV2GT74A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part No. HD74LV2GT74A
Description  Single D-type Flip Flops with Preset and Clear / CMOS Logic Level Shifter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2GT74A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LV2GT74A Datasheet HTML 2Page - Renesas Technology Corp HD74LV2GT74A Datasheet HTML 3Page - Renesas Technology Corp HD74LV2GT74A Datasheet HTML 4Page - Renesas Technology Corp HD74LV2GT74A Datasheet HTML 5Page - Renesas Technology Corp HD74LV2GT74A Datasheet HTML 6Page - Renesas Technology Corp HD74LV2GT74A Datasheet HTML 7Page - Renesas Technology Corp HD74LV2GT74A Datasheet HTML 8Page - Renesas Technology Corp HD74LV2GT74A Datasheet HTML 9Page - Renesas Technology Corp HD74LV2GT74A Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74LV2GT74A
Rev.2.00, Oct.17.2003, page 7 of 9
Operating Characteristics
• C
L = 50 pF
Ta = 25°C
Item
Symbol
VCC (V) Min
Typ
Max
Unit
Test Conditions
Power dissipation
capacitance
CPD
5.0
14.0
pF
f = 10 MHz
Test Circuit
Pulse Generator
Z
= 50
out
Input
Input
Pulse Generator
Z
= 50
out
V
PRE
CLR
DQ
CLK
Q
CC
VCC
Output Q
CL
Output
Q
CL
Notes: 1. C includes probe and jig capacitance.
L


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn