Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HD74LV2GT74A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. HD74LV2GT74A
Description  Single D-type Flip Flops with Preset and Clear / CMOS Logic Level Shifter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HD74LV2GT74A Datasheet(HTML) 6 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74LV2GT74A
Rev.2.00, Oct.17.2003, page 6 of 9
Switching Characteristics
• V
CC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
80
140
70
CL = 15 pF
Maximum clock
frequency
fmax
50
90
45
MHz
CL = 50 pF
7.0
12.5
1.0
14.5
PRE/CLR
8.0
12.0
1.0
14.0
CL = 15 pF
CLK
Q or
Q
9.0
16.0
1.0
18.0
PRE/CLR
Propagation
delay time
tPLH
tPHL
10.0
15.5
1.0
17.5
ns
CL = 50 pF
CLK
Q or
Q
6.0
——7.0
D
Setup time
tsu
5.0
——5.0
ns
PRE or CLR inactive
Hold time
th
0.5
——0.5
ns
6.0
——7.0
PRE or CLR “L”
Pulse width
tw
6.0
——7.0
ns
CLK “H” or “L”
• V
CC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
130
180
110
CL = 15 pF
Maximum clock
frequency
fmax
90
140
75
MHz
CL = 50 pF
5.0
7.7
1.0
9.0
PRE/CLR
5.6
7.3
1.0
8.5
CL = 15 pF
CLK
Q or
Q
6.6
9.7
1.0
11.0
PRE/CLR
Propagation
delay time
tPLH
tPHL
7.2
9.3
1.0
10.5
ns
CL = 50 pF
CLK
Q or
Q
5.0
——5.0
D
Setup time
tsu
3.0
——3.0
ns
PRE or CLR inactive
Hold time
th
0.5
——0.5
ns
5.0
——5.0
PRE or CLR “L”
Pulse width
tw
5.0
——5.0
ns
CLK “H” or “L”


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn