Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGL34-50 Datasheet(PDF) 1 Page - Semikron International

Part # SGL34-50
Description  Schottky barrier rectifiers diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SGL34-50 Datasheet(HTML) 1 Page - Semikron International

  SGL34-50 Datasheet HTML 1Page - Semikron International SGL34-50 Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface mount diode
Schottky barrier rectifiers
diodes
SGL 34-20...SGL 34-100
Forward Current: 0,5 A
Reverse Voltage: 20 to 100 V
Features
Mechanical Data
1)
2)
3)
4)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
SGL 34-20 ... SGL 34-100
1
08-03-2007 MAM
© by SEMIKRON


Similar Part No. - SGL34-50

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SGL34-50 FORMOSA-SGL34-50 Datasheet
67Kb / 2P
   Silicon epitaxial planer type
logo
Diotec Semiconductor
SGL34-50 DIOTEC-SGL34-50 Datasheet
187Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
Semikron International
SGL34-50 SEMIKRON-SGL34-50 Datasheet
138Kb / 2P
   Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
SGL34-50 DIOTEC-SGL34-50 Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
logo
UNIOHM CORPORATION
SGL34-50 UNIOHM-SGL34-50 Datasheet
63Kb / 2P
   0.8 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SGL34-50

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB320 SEMIKRON-SB320_07 Datasheet
137Kb / 2P
   Schottky barrier rectifiers diodes
SB1220TL SEMIKRON-SB1220TL Datasheet
381Kb / 2P
   Schottky barrier rectifiers diodes
SB2020TL SEMIKRON-SB2020TL Datasheet
366Kb / 2P
   Schottky barrier rectifiers diodes
SB3020 SEMIKRON-SB3020 Datasheet
523Kb / 2P
   Schottky barrier rectifiers diodes
SB320 SEMIKRON-SB320 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
SB220 SEMIKRON-SB220_07 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
SK32 SEMIKRON-SK32_07 Datasheet
149Kb / 2P
   Schottky barrier rectifiers diodes
SB1820 SEMIKRON-SB1820 Datasheet
365Kb / 2P
   Schottky barrier rectifiers diodes
SGL1-20 SEMIKRON-SGL1-20 Datasheet
138Kb / 2P
   Schottky barrier rectifiers diodes
SK12 SEMIKRON-SK12 Datasheet
141Kb / 2P
   Schottky barrier rectifiers diodes
SK32 SEMIKRON-SK32 Datasheet
145Kb / 2P
   Schottky barrier rectifiers diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com