Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBTLV16210VRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # 74CBTLV16210VRG4
Description  LOW-VOLTAGE 20-BIT FET BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CBTLV16210VRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button 74CBTLV16210VRG4 Datasheet HTML 3Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 4Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 5Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 6Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 7Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 8Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 9Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 10Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS003D – JANUARY 1995 – REVISED JANUARY 1998
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PINS SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - 74CBTLV16210VRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBTLV16210VRG4 TI-74CBTLV16210VRG4 Datasheet
344Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
74CBTLV16210VRG4 TI-74CBTLV16210VRG4 Datasheet
349Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
More results

Similar Description - 74CBTLV16210VRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV16210 TI-SN74CBTLV16210_08 Datasheet
344Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210 Datasheet
171Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210_09 Datasheet
349Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBT16210 TI-SN74CBT16210 Datasheet
66Kb / 4P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16861 TI-SN74CBT16861_07 Datasheet
280Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBTR16861 TI-SN74CBTR16861 Datasheet
153Kb / 9P
[Old version datasheet]   20-BIT FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT16210 RENESAS-HD74CBT16210 Datasheet
119Kb / 12P
   20-bit FET Bus Switch
logo
Texas Instruments
SN74CBT16861 TI-SN74CBT16861 Datasheet
66Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16210DGGR TI-SN74CBT16210DGGR Datasheet
382Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16210 IDT-IDT74CBTLV16210 Datasheet
57Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com