Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF5027B6-4 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF5027B6-4
Description  Crystal Oscillator Module ICs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5027B6-4 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF5027B6-4 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5027B6-4 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5027B6-4 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5027B6-4 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5027B6-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5027B6-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5027B6-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5027B6-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5027B6-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
WF5027 series
SEIKO NPC CORPORATION —3
PAD LAYOUT
(Unit:
µm)
PAD DIMENSIONS
PIN DESCRIPTION
BLOCK DIAGRAM
I
5027A
×, M×, Q×
(for Flip Chip Bonding)
I
5027B
×, N×, R×
(for Wire Bonding (type I))
I
5027C
×, P×, S×
(for Wire Bonding (type II))
Chip size: 0.75
× 0.69mm
Chip thickness: 130 ± 15µm
PAD size: 90µm
Chip base: VSS level
Chip size: 0.75
× 0.69mm
Chip thickness: 130 ± 15µm
PAD size: 90µm
Chip base: VSS level
Chip size: 0.75
× 0.69mm
Chip thickness: 130 ± 15µm
PAD size: 90µm
Chip base: VSS level
Pad No.
Pad dimensions [µm]
Pad No.
Pin
Name
Description
XY
5027A
×
5027M
×
5027Q
×
5027B
×
5027N
×
5027R
×
5027C
×
5027P
×
5027S
×
1
229
114
1
2
1
XT
Amplifier input
Crystal connection pins. Crystal is connected
between XT and XTN.
2
520
114
2
1
2
XTN
Amplifier output
3
636
304
3
6
5
VDD
(+) supply voltage
4
636
531
4
5
4
Q
Output
Output frequency determined by internal circuit
to one of fO, fO/2, fO/4, fO/8, fO/16, fO/32, fO/64
5
114
531
5
4
3
VSS
(–) ground
6
114
304
6
3
6
INHN
Output state
control input
High impedance when LOW (oscillator stops).
Power-saving pull-up resistor built-in.
Q
VDD
XTN
VSS
(0,0)
(750,690)
X
Y
INHN
XT
12
3
4
6
5
VSS
INHN
XT
Q
(0,0)
(750,690)
X
Y
VDD
XTN
12
3
4
6
5
Q
VSS
XTN
VDD
(0,0)
(750,690)
X
Y
INHN
XT
12
3
4
6
5
XT
INHN
XTN
Q
CMOS
RD
CG
VSS
VDD
CD
RF
VRG
DIVIDER


Similar Part No. - CF5027B6-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5020ALA NPC-CF5020ALA Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5020ALA-2 NPC-CF5020ALA-2 Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5020ALB NPC-CF5020ALB Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5020ALB-2 NPC-CF5020ALB-2 Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
More results

Similar Description - CF5027B6-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com