Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60N06 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 60N06
Description  60 Amps, 60 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

60N06 Datasheet(HTML) 2 Page - Unisonic Technologies

  60N06 Datasheet HTML 1Page - Unisonic Technologies 60N06 Datasheet HTML 2Page - Unisonic Technologies 60N06 Datasheet HTML 3Page - Unisonic Technologies 60N06 Datasheet HTML 4Page - Unisonic Technologies 60N06 Datasheet HTML 5Page - Unisonic Technologies 60N06 Datasheet HTML 6Page - Unisonic Technologies 60N06 Datasheet HTML 7Page - Unisonic Technologies 60N06 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
60N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-121.A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
60
V
Gate to Source Voltage
VGS
±
20
V
TC = 25℃
60
A
Continuous Drain Current
TC = 100℃
ID
39
A
Drain Current Pulsed (Note 1)
IDM
120
A
Single Pulsed (Note 2)
EAS
1000
mJ
Avalanche Energy
Repetitive (Note 1)
EAR
180
mJ
Total Power Dissipation
PD
120
W
Junction Temperature
TJ
+175
Storage Temperature
TSTG
-55 ~ +175
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Thermal Resistance Junction-Ambient
θJA
62.5
/W
Thermal Resistance Junction-Case
θJC
1.25
/W
ELECTRICAL CHARACTERISTICS (TC = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250 µA
60
V
Drain-Source Leakage Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
Forward
VGS = 20V, VDS = 0 V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS = -20V, VDS = 0 V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250 µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10 V, ID = 30 A
14
18
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
2000
pF
Output Capacitance
COSS
400
pF
Reverse Transfer Capacitance
CRSS
VGS = 0V, VDS =25V, f = 1MHz
115
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
12
30
ns
Rise Time
tR
11
30
ns
Turn-Off Delay Time
tD(OFF)
25
50
ns
Fall Time
tF
VDD=30V, ID=60A, RL=0.5Ω,
VGS=10V (Note 4, 5)
15
30
ns
Total Gate Charge
QG
39
60
nC
Gate-Source Charge
QGS
12
nC
Gate-Drain Charge (Miller Charge)
QGD
VDS = 30V, VGS = 10 V
ID = 60A (Note 4, 5)
10
nC


Similar Part No. - 60N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
60N06 UTC-60N06 Datasheet
316Kb / 8P
   60A, 60V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
60N06 ISC-60N06 Datasheet
284Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
60N06 VBSEMI-60N06 Datasheet
983Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
60N06-14 ISC-60N06-14 Datasheet
276Kb / 2P
   isc N-Channel MOSFET Transistor
60N06-18 ISC-60N06-18 Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 60N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
   0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
   150 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
   300m Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06 Datasheet
154Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
145Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
70N06 UTC-70N06 Datasheet
158Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
12N06 UTC-12N06 Datasheet
195Kb / 5P
   12 Amps, 60 Volts N-CHANNEL POWER MOSFET
UFZ44 UTC-UFZ44 Datasheet
212Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com