Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBTLV16210DLRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74CBTLV16210DLRG4
Description  LOW-VOLTAGE 20-BIT FET BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CBTLV16210DLRG4 Datasheet(HTML) 3 Page - Texas Instruments

  74CBTLV16210DLRG4 Datasheet HTML 1Page - Texas Instruments 74CBTLV16210DLRG4 Datasheet HTML 2Page - Texas Instruments 74CBTLV16210DLRG4 Datasheet HTML 3Page - Texas Instruments 74CBTLV16210DLRG4 Datasheet HTML 4Page - Texas Instruments 74CBTLV16210DLRG4 Datasheet HTML 5Page - Texas Instruments 74CBTLV16210DLRG4 Datasheet HTML 6Page - Texas Instruments 74CBTLV16210DLRG4 Datasheet HTML 7Page - Texas Instruments 74CBTLV16210DLRG4 Datasheet HTML 8Page - Texas Instruments 74CBTLV16210DLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN74CBTLV16210
LOW VOLTAGE 20BIT FET BUS SWITCH
SCDS042J − DECEMBER 1997 − REVISED JULY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
2.3
3.6
V
VIH
High-level control input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VIH
High-level control input voltage
VCC = 2.7 V to 3.6 V
2
V
VIL
Low-level control input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VIL
Low-level control input voltage
VCC = 2.7 V to 3.6 V
0.8
V
TA
Operating free-air temperature
−40
85
°C
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 3 V,
II = −18 mA
−1.2
V
II
VCC = 3.6 V,
VI = VCC or GND
±1
µA
Ioff
VCC = 0,
VI or VO = 0 to 3.6 V
10
µA
ICC
VCC = 3.6 V,
IO = 0,
VI = VCC or GND
10
µA
∆ICC‡
Control inputs
VCC = 3.6 V,
One input at 3 V,
Other inputs at VCC or GND
300
µA
Ci
Control inputs
VI = 3 V or 0
4.5
pF
Cio(OFF)
VO = 3 V or 0,
OE = VCC
6.5
pF
VCC = 2.3 V,
VI = 0
II = 64 mA
5
8
VCC = 2.3 V,
TYP at VCC = 2.5 V
VI = 0
II = 24 mA
5
8
ron§
TYP at VCC = 2.5 V
VI = 1.7 V,
II = 15 mA
27
40
ron§
VI = 0
II = 64 mA
5
7
VCC = 3 V
VI = 0
II = 24 mA
5
7
VCC = 3 V
VI = 2.4 V,
II = 15 mA
10
15
† All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
‡ This is the increase in supply current for each input that is at the specified voltage level, rather than VCC or GND.
§ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by
the lower of the voltages of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tpd¶
A or B
B or A
0.15
0.25
ns
ten
OE
A or B
1
6.8
1
6
ns
tdis
OE
A or B
1
7.3
1
7.4
ns
¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when
driven by an ideal voltage source (zero output impedance).


Similar Part No. - 74CBTLV16210DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBTLV16210DLRG4 TI-74CBTLV16210DLRG4 Datasheet
344Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
74CBTLV16210DLRG4 TI-74CBTLV16210DLRG4 Datasheet
349Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
More results

Similar Description - 74CBTLV16210DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV16210 TI-SN74CBTLV16210_08 Datasheet
344Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210 Datasheet
171Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210_09 Datasheet
349Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBT16210 TI-SN74CBT16210 Datasheet
66Kb / 4P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16861 TI-SN74CBT16861_07 Datasheet
280Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBTR16861 TI-SN74CBTR16861 Datasheet
153Kb / 9P
[Old version datasheet]   20-BIT FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT16210 RENESAS-HD74CBT16210 Datasheet
119Kb / 12P
   20-bit FET Bus Switch
logo
Texas Instruments
SN74CBT16861 TI-SN74CBT16861 Datasheet
66Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16210DGGR TI-SN74CBT16210DGGR Datasheet
382Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16210 IDT-IDT74CBTLV16210 Datasheet
57Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com