Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1240 Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM1240
Description  Dual-Voltage ESD Protection Array for USB Port
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1240 Datasheet(HTML) 6 Page - California Micro Devices Corp

  CM1240 Datasheet HTML 1Page - California Micro Devices Corp CM1240 Datasheet HTML 2Page - California Micro Devices Corp CM1240 Datasheet HTML 3Page - California Micro Devices Corp CM1240 Datasheet HTML 4Page - California Micro Devices Corp CM1240 Datasheet HTML 5Page - California Micro Devices Corp CM1240 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
© 2007 California Micro Devices Corp. All rights reserved.
6
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
5/16/07
CM1240
TDFN-08 Mechanical Specifications
Dimensions for the CM1240 supplied in a 8-lead,
0.4mm pitch TDFN package are presented below.
*This package is compliant with JEDEC standard MO-229C with the
exception of the D, D2, E, E2, K and L dimensions as called out in
the table above.
Recommend PCB Land Pattern
Dimensions for 8-Lead, 0.4mm pitch
TDFN package
PACKAGE DIMENSIONS
Package
TDFN
JEDEC
No.
MO-229C*
Leads
8
Dim.
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028 0.030 0.031
A1
0.00
0.02
0.05
0.000 0.001 0.002
A3
0.200 REF
0.008 REF
b
0.15
0.20
0.25
0.006 0.008 0.010
D
1.60
1.70
1.80
0.063 0.067 0.071
D2
1.10
1.20
1.30
0.043 0.047 0.051
E
1.25
1.35
1.45
0.049 0.053 0.057
E2
0.30
0.40
0.50
0.012 0.016 0.020
e
0.40 BSC
0.016 BSC
K
0.20
0.008
L
0.15
0.25
0.35
0.006 0.010 0.014
# per
tape and
reel
3000 pieces
Controlling dimension: millimeters
0.70
0.40
Note: Dimensions in millimeters. Drawing not to scale.
0.30
Mechanical Package Diagrams
BOTTOM VIEW
A
A3
A1
0.10 C
0.08 C
SIDE VIEW
b
L
0.10
C A B
M
8X
D2
E2
e
GND
K
7
8
12
3
6
Pin 1
C0.2
4
5
Locator
TOP VIEW
D
Pin 1
Marking
4
3
2
1
5
7
8
6
PAD
Mechanical Details (cont’d)


Similar Part No. - CM1240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1240 ONSEMI-CM1240 Datasheet
79Kb / 6P
   Dual-Voltage ESD Protection Array for USB Ports
April 2010 ??Rev.3
CM1240-F4SE ONSEMI-CM1240-F4SE Datasheet
79Kb / 6P
   Dual-Voltage ESD Protection Array for USB Ports
April 2010 ??Rev.3
More results

Similar Description - CM1240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1240 ONSEMI-CM1240 Datasheet
79Kb / 6P
   Dual-Voltage ESD Protection Array for USB Ports
April 2010 ??Rev.3
logo
AiT Semiconductor Inc.
GSOT04C AITSEMI-GSOT04C Datasheet
551Kb / 8P
   ESD PROTECTION DUAL TRANSIENT VOLTAGE SUPPRESSORS ARRAY FOR ESD PROTECTION
REV1.2
logo
Leshan Radio Company
LGSOT04CLT1G LRC-LGSOT04CLT1G Datasheet
515Kb / 7P
   Dual Transient Voltage Suppressors Array for ESD Protection
logo
WILLAS ELECTRONIC CORP
SOTXXC WILLAS-SOTXXC Datasheet
354Kb / 4P
   Dual Transient Voltage Suppressors Array for ESD Protection
logo
Leshan Radio Company
LGSOT08CLT1G LRC-LGSOT08CLT1G Datasheet
535Kb / 7P
   Dual Transient Voltage Suppressors Array for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESOTA03C WILLAS-SESOTA03C Datasheet
270Kb / 3P
   Dual Transient Voltage Suppressors Array for ESD Protection
logo
Leshan Radio Company
LGSOT05CLT1G LRC-LGSOT05CLT1G_11 Datasheet
559Kb / 5P
   Dual Transient Voltage Suppressors Array for ESD Protection
logo
First Silicon Co., Ltd
FTV05CAS FS-FTV05CAS Datasheet
260Kb / 5P
   Dual Transient Voltage Suppressors Array for ESD Protection
logo
Leshan Radio Company
LGSOT05CLT1G LRC-LGSOT05CLT1G Datasheet
535Kb / 7P
   Dual Transient Voltage Suppressors Array for ESD Protection
LGSOT12CLT1G LRC-LGSOT12CLT1G Datasheet
539Kb / 7P
   Dual Transient Voltage Suppressors Array for ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com