Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS61170 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS61170
Description  1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TPS61170 Datasheet(HTML) 2 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS61170
SLVS789 – NOVEMBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
PACKAGE MARKING
–40
°C to 85°C
TPS61170DRV
BZS
(1)
For the most current package and ordering information, see the TI Web site at www.ti.com.
(2)
The DRV package is available in tape and reel. Add R suffix (TPS61170DRVR) to order quantities of 3000 parts per reel or add T suffix
(TPS61170DRVT) to order 250 parts per reel.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply Voltages on VIN (2)
–0.3 to 20
V
Voltages on CTRL(2)
–0.3 to 20
V
VI
Voltage on FB and COMP(2)
–0.3 to 3
V
Voltage on SW(2)
–0.3 to 40
V
PD
Continuous Power Dissipation
See Dissipation Rating Table
TJ
Operating Junction Temperature Range
–40 to 150
°C
TSTG
Storage Temperature Range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
DERATING FACTOR
BOARD PACKAGE
RθJC
RθJA
TA < 25°C
TA = 70°C
TA = 85°C
ABOVE TA = 25°C
Low-K(1)DRV
20
°C/W
140
°C/W
7.1 mW/
°C
715 mW
395 mW
285 mW
High-K (2)DRV
20
°C/W
65
°C/W
15.4 mW/
°C
1540 mW
845 mW
615 mW
(1)
The JEDEC low-K (1s) board used to derive this data was a 3in
×3in, two-layer board with 2-ounce copper traces on top of the board.
(2)
The JEDEC high-K (2s2p) board used to derive this data was a 3in
×3in, multilayer board with 1-ounce internal power and ground planes
and 2-ounce copper traces on top and bottom of the board.
MIN
TYP
MAX
UNIT
VI
Input voltage range, VIN
3
18
V
VO
Output voltage range
VIN
38
V
L
Inductor(1)
10
22
µH
CI
Input capacitor
1
µF
CO
Output capacitor
1
10
µF
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
These values are recommended values that have been successfully tested in several applications. Other values may be acceptable in
other applications but should be fully tested by the user.
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS61170


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn