Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61170 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61170
Description  1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61170 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS61170 Datasheet HTML 8Page - Texas Instruments TPS61170 Datasheet HTML 9Page - Texas Instruments TPS61170 Datasheet HTML 10Page - Texas Instruments TPS61170 Datasheet HTML 11Page - Texas Instruments TPS61170 Datasheet HTML 12Page - Texas Instruments TPS61170 Datasheet HTML 13Page - Texas Instruments TPS61170 Datasheet HTML 14Page - Texas Instruments TPS61170 Datasheet HTML 15Page - Texas Instruments TPS61170 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
www.ti.com
LowBit
(Logic0)
HighBit
(Logic1)
t
Low
t
High
t
LOW
t
High
EasyScaleTiming,withoutacknowledgeRFA =0
DA7
0
t
Start
StaticHigh
StaticHigh
DATA IN
t
Start
T
EOS
T
EOS
DA0
0
RFA
0
D0
1
AddressByte
DATA Byte
EasyScaleTiming,withacknowledgeRFA =1
StaticHigh
t
ACKN
Acknowledge
true,DataLine
pulleddownby
device
DATA IN
DATA OUT
Acknowledge
false,nopull
down
Controllerneedsto
PullupDataLineviaa
resistortodetect ACKN
ACKN
DA7
0
StaticHigh
T
EOS
t
valACK
DA0
0
RFA
1
D0
1
t
Start
t
Start
AddressByte
DATA Byte
TPS61170
SLVS789 – NOVEMBER 2007
Table 2. EasyScale™ Bit Description (continued)
BIT
TRANSMISSION
BYTE
NAME
DESCRIPTION
NUMBER
DIRECTION
Acknowledge condition active 0, this condition will only be applied in case RFA bit is
set. Open drain output, Line needs to be pulled high by the host with a pullup
ACK
OUT
resistor. This feature can only be used if the master has an open drain output stage.
In case of a push pull output stage Acknowledge condition may not be requested!
Figure 16. EasyScale™— Bit Coding
All bits are transmitted MSB first and LSB last. Figure 16 shows the protocol without acknowledge request (Bit
RFA = 0), Figure 16 with acknowledge (Bit RFA = 1) request. Prior to both bytes, device address byte and data
byte, a start condition must be applied. For this, the CTRL pin must be pulled high for at least tstart (2µs) before
the bit transmission starts with the falling edge. If the CTRL pin is already at high level, no start condition is
needed prior to the device address byte. The transmission of each byte is closed with an End of Stream
condition for at least tEOS (2µs).
12
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS61170


Similar Part No. - TPS61170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61170 TI-TPS61170 Datasheet
952Kb / 27P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
TPS61170 TI-TPS61170 Datasheet
1Mb / 33P
[Old version datasheet]   TPS61170 1.2-A High-Voltage Boost Converter in 2-mm x 2-mm2 QFN Package
TPS61170-Q1 TI1-TPS61170-Q1 Datasheet
872Kb / 28P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
TPS61170-Q1 TI-TPS61170-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61170-Q1 1.2-A High-Voltage Boost Converter in 2-mm 횞 2-mm SON Package
TPS61170DRVR TI-TPS61170DRVR Datasheet
952Kb / 27P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
More results

Similar Description - TPS61170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61170 TI-TPS61170_08 Datasheet
952Kb / 27P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
TPS61170-Q1 TI1-TPS61170-Q1 Datasheet
872Kb / 28P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
TPS61170 TI-TPS61170_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS61170 1.2-A High-Voltage Boost Converter in 2-mm x 2-mm2 QFN Package
logo
Seaward Electronics Inc...
SE3609 SEAWARD-SE3609 Datasheet
292Kb / 8P
   1MHz/1.2A Synchronous Boost Converter
logo
Texas Instruments
TPS62080 TI1-TPS62080 Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
TLV62080 TI1-TLV62080 Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
logo
Monolithic Power System...
MP3428 MPS-MP3428 Datasheet
930Kb / 20P
   17A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter in a small 3x4mm QFN Package
MP3427 MPS-MP3427 Datasheet
905Kb / 20P
   17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter in a small 3x4mm QFN Package
logo
Texas Instruments
TPS61046 TI-TPS61046_15 Datasheet
923Kb / 25P
[Old version datasheet]   TPS61046 28-V Output Voltage Boost Converter in WCSP Package
logo
ETA SOLUTIONS CO. LIMIT...
ETA3406 ETA-ETA3406 Datasheet
269Kb / 1P
   1.5MHz 1.2A Step-Down Converter in SOT23-5 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com