Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF5006AHC-1 Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # CF5006AHC-1
Description  Crystal Oscillator Module ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5006AHC-1 Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button CF5006AHC-1 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5006AHC-1 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5006AHC-1 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5006AHC-1 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5006AHC-1 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5006AHC-1 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5006AHC-1 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5006AHC-1 Datasheet HTML 14Page - Nippon Precision Circuits Inc CF5006AHC-1 Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SM5006 series
SEIKO NPC CORPORATION —11
Switching Characteristics
5006
×N series
3V operation: VDD = 2.7 to 3.6V, VSS = 0V, Ta = −20 to 80°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 3,
load cct 1,
0.1VDD to 0.9VDD ,
CL = 15pF,
Ta = –10 to 70
°C
SM5006ANAS, CF5006ANA
SM5006ANBS, CF5006ANB
SM5006CNCS, CF5006CNC
SM5006CNDS, CF5006CND
SM5006DNCS, CF5006DNC
3.5
7.0
ns
tr2
Measurement cct 3,
load cct 1,
0.1VDD to 0.9VDD ,
CL = 15pF
SM5006ANCS, CF5006ANC
SM5006ANDS, CF5006AND
SM5006ANES, CF5006ANE
SM5006ANFS, CF5006ANF
SM5006BNCS, CF5006BNC
SM5006BNES, CF5006BNE
SM5006CNES, CF5006CNE
SM5006DNES, CF5006DNE
3.5
7.0
Output fall time
tf1
Measurement cct 3,
load cct 1,
0.9VDD to 0.1VDD ,
CL = 15pF,
Ta = –10 to 70
°C
SM5006ANAS, CF5006ANA
SM5006ANBS, CF5006ANB
SM5006CNCS, CF5006CNC
SM5006CNDS, CF5006CND
SM5006DNCS, CF5006DNC
3.5
7.0
ns
tf2
Measurement cct 3,
load cct 1,
0.9VDD to 0.1VDD ,
CL = 15pF
SM5006ANCS, CF5006ANC
SM5006ANDS, CF5006AND
SM5006ANES, CF5006ANE
SM5006ANFS, CF5006ANF
SM5006BNCS, CF5006BNC
SM5006BNES, CF5006BNE
SM5006CNES, CF5006CNE
SM5006DNES, CF5006DNE
3.5
7.0
Output duty cycle*1
*1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty
Measurement cct 3,
load cct 1, Ta = 25
°C,
VDD = 3.3V, CL = 15pF,
f
= 30MHz
SM5006ANAS, CF5006ANA
SM5006ANBS, CF5006ANB
SM5006ANCS, CF5006ANC
SM5006CNCS, CF5006CNC
40–60
%
Measurement cct 3,
load cct 1, Ta = 25
°C,
VDD = 3.3V, CL = 15pF,
f
= 40MHz
SM5006CNDS, CF5006CND
SM5006DNCS, CF5006DNC
40–60
Measurement cct 3,
load cct 1, Ta = 25
°C,
VDD = 3.3V, CL = 15pF,
f
= 50MHz
SM5006ANDS, CF5006AND
SM5006BNCS, CF5006BNC
40–60
Measurement cct 3,
load cct 1, Ta = 25
°C,
VDD = 3.3V, CL = 15pF,
f
= 70MHz
SM5006ANES, CF5006ANE
SM5006ANFS, CF5006ANF
SM5006BNES, CF5006BNE
SM5006CNES, CF5006CNE
SM5006DNES, CF5006DNE
40–60
Output disable delay time
tPLZ
Measurement cct 3, load cct 1, Ta = 25
°C, VDD = 5V, CL ≤ 15pF
100
ns
Output enable delay time
tPZL
100
ns


Similar Part No. - CF5006AHC-1

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CF500 LSTD-CF500 Datasheet
320Kb / 2P
   EcoFoamTM Conductive Foam
logo
Cvilux Corporation
CF5001SC CVILUX-CF5001SC Datasheet
785Kb / 3P
   1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
logo
Nippon Precision Circui...
CF5002LA NPC-CF5002LA Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
CF5002LB NPC-CF5002LB Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
CF5002LC NPC-CF5002LC Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
More results

Similar Description - CF5006AHC-1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com