Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08SH8 Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MC9S08SH8
Description  Microcontrollers
Download  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH8 Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH8 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC9S08SH8 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC9S08SH8 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC9S08SH8 Datasheet HTML 59Page - Freescale Semiconductor, Inc MC9S08SH8 Datasheet HTML 60Page - Freescale Semiconductor, Inc MC9S08SH8 Datasheet HTML 61Page - Freescale Semiconductor, Inc MC9S08SH8 Datasheet HTML 62Page - Freescale Semiconductor, Inc MC9S08SH8 Datasheet HTML 63Page - Freescale Semiconductor, Inc MC9S08SH8 Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 330 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08SH8 MCU Series Data Sheet, Rev. 1
60
Freescale Semiconductor
5.4
Computer Operating Properly (COP) Watchdog
The COP watchdog is intended to force a system reset when the application software fails to execute as
expected. To prevent a system reset from the COP timer (when it is enabled), application software must
reset the COP counter periodically. If the application program gets lost and fails to reset the COP counter
before it times out, a system reset is generated to force the system back to a known starting point.
After any reset, the COP watchdog is enabled (see Section 5.7.4, “System Options Register 1 (SOPT1),”
for additional information). If the COP watchdog is not used in an application, it can be disabled by
clearing COPT bits in SOPT1.
The COP counter is reset by writing 0x0055 and 0x00AA (in this order) to the address of SRS during the
selected timeout period. Writes do not affect the data in the read-only SRS. As soon as the write sequence
is done, the COP timeout period is restarted. If the program fails to do this during the time-out period, the
MCU will reset. Also, if any value other than 0x0055 or 0x00AA is written to SRS, the MCU is
immediately reset.
The COPCLKS bit in SOPT2 (see Section 5.7.5, “System Options Register 2 (SOPT2),” for additional
information) selects the clock source used for the COP timer. The clock source options are either the bus
clock or an internal 1-kHz clock source. With each clock source, there are three associated time-outs
controlled by the COPT bits in SOPT1. Table 5-1 summaries the control functions of the COPCLKS and
COPT bits. The COP watchdog defaults to operation from the 1-kHz clock source and the longest time-out
(210 cycles).
Table 5-1. COP Configuration Options
When the bus clock source is selected, windowed COP operation is available by setting COPW in the
SOPT2 register. In this mode, writes to the SRS register to clear the COP timer must occur in the last 25%
of the selected timeout period. A premature write immediately resets the MCU. When the 1-kHz clock
source is selected, windowed COP operation is not available.
Control Bits
Clock Source
COP Window1 Opens
(COPW = 1)
1 Windowed COP operation requires the user to clear the COP timer in the last 25% of the selected timeout period. This column
displays the minimun number of clock counts required before the COP timer can be reset hen in windowed COP mode
(COPW = 1).
COP Overflow Count
COPCLKS
COPT[1:0]
N/A
0:0
N/A
N/A
COP is disabled
0
0:1
1 kHz
N/A
25 cycles (32 ms2)
2 Values shown in in miliseconds based on t
LPO = 1 ms. See tLPO in the appendix Section A.12.1, “Control Timing” for the
tolerance of this value.
0
1:0
1 kHz
N/A
28 cycles (256 ms1)
0
1:1
1 kHz
N/A
210 cycles (1.024 s1)
1
0:1
Bus
6144 cycles
213 cycles
1
1:0
Bus
49,152 cycles
216 cycles
1
1:1
Bus
196,608 cycles
218 cycles


Similar Part No. - MC9S08SH8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SH8 FREESCALE-MC9S08SH8 Datasheet
3Mb / 338P
   Microcontrollers
MC9S08SH8 FREESCALE-MC9S08SH8 Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08SH8 FREESCALE-MC9S08SH8 Datasheet
1Mb / 341P
   MC9S08SH8 Datasheet
logo
NXP Semiconductors
MC9S08SH8 NXP-MC9S08SH8 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08SH8 NXP-MC9S08SH8 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Similar Description - MC9S08SH8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com