Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF5006CKD-1 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5006CKD-1
Description  Crystal Oscillator Module ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5006CKD-1 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5006CKD-1 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5006CKD-1 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5006CKD-1 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5006CKD-1 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5006CKD-1 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5006CKD-1 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5006CKD-1 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5006CKD-1 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5006CKD-1 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SM5006 series
SEIKO NPC CORPORATION —1
Crystal Oscillator Module ICs
OVERVIEW
The SM5006 series are crystal oscillator module ICs, that incorporate high-frequency, low current consump-
tion oscillator and output buffer circuits. Highly accurate thin-film feedback resistors and high-frequency
capacitors are built-in, eliminating the need for external components to make a stable 3rd overtone oscillator.
FEATURES
I
Up to 107MHz operation
I
Capacitors CG, CD built-in
I
Inverter amplifier feedback resistor built-in
I
TTL input level
I
16mA (VDD = 4.5V) drive capability
I
4mA (VDD = 4.5V) drive capability (5006AH×)
I
Output three-state function
I
2.7 to 5.5V supply voltage
I
Oscillator frequency output
I
8-pin SOP (SM5006
×××S)
I
Chip form (CF5006
×××)
SERIES CONFIGURATION
Version*1
*1. Chip form devices have designation CF5006
×××.
gm
ratio
3V operating
5V operating
Built-in
capacitance
Rf
[k
Ω]
Input
level
Output
duty
level
Output
load
(max)
[pF]
Recommended
operating
frequency
range*2 [MHz]
*2. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscilla-
tor frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the
oscillation characteristics of components must be carefully evaluated.
Output
load
(max)
[pF]
Recommended
operating
frequency
range*2 [MHz]
Output
waveform*3
tr /tf [ns]
*3. 5006
×N×: CL = 50pF, CMOS load, 5006×K×: CL = 15pF, 10TTL load, 5006AH×: CL = 15pF, CMOS load
CG
[pF]
CD
[pF]
SM5006ANAS
0.5
−−
50
22 to 30
8/8
8
16
8.2
TTL
CMOS
SM5006ANBS
1
−−
50
30 to 40
8/8
8
16
5.6
TTL
CMOS
SM5006ANCS
2
15
22 to 30
50
40 to 60
7/7
8
16
4.9
TTL
CMOS
SM5006ANDS
2
15
30 to 50
50
50 to 70
7/7
8
16
2.6
TTL
CMOS
SM5006ANES
3
15
50 to 70
30
70 to 100
6/6
8
16
2.6
TTL
CMOS
(15)*4
*4. SOP package only
SM5006ANFS
4
−−
30
80 to 107
6/6
8
16
2.6
TTL
CMOS
(15)*4
SM5006CNCS
2
15
22 to 30
15
40 to 60
8/8
8
16
4.9
TTL
CMOS
50
40 to 50
SM5006CNDS
2
15
30 to 40
15
50 to 70
8/8
8
16
2.6
TTL
CMOS
SM5006CNES
3
15
50 to 70
15
70 to 100
7/7
8
16
2.6
TTL
CMOS
SM5006BNCS
2
15
22 to 70
15
22 to 100
7/7
8
16
No
TTL
CMOS
50
22 to 70
SM5006BNES
3
15
22 to 70
30
70 to 107
6/6
8
16
No
TTL
CMOS
(15)*4
SM5006DNCS
2
15
22 to 40
15
22 to 70
8/8
8
16
No
TTL
CMOS
50
22 to 50
SM5006DNES
3
15
22 to 70
15
22 to 100
7/7
8
16
No
TTL
CMOS
50
22 to 70
SM5006AKAS
0.5
−−
15
22 to 30
4/4
8
16
8.2
TTL
TTL
SM5006AKBS
1
−−
15
30 to 40
4/4
8
16
5.6
TTL
TTL
SM5006AKCS
2
−−
15
40 to 60
4/4
8
16
4.9
TTL
TTL
SM5006AKDS
2
−−
15
50 to 70
4/4
8
16
2.6
TTL
TTL
SM5006CKDS
2
−−
15
50 to 70
4/4
8
16
2.6
TTL
TTL
SM5006BKCS
2
−−
15
22 to 70
4/4
8
16
No
TTL
TTL
SM5006DKCS
2
−−
15
22 to 70
4/4
8
16
No
TTL
TTL
SM5006AHAS
0.5
−−
15
22 to 30
7/7
8
16
8.2
TTL
CMOS
SM5006AHBS
1
−−
15
30 to 40
7/7
8
16
5.6
TTL
CMOS
SM5006AHCS
2
−−
15
40 to 60
7/7
8
16
4.9
TTL
CMOS
SM5006AHDS
2
−−
15
50 to 70
7/7
8
16
2.6
TTL
CMOS


Similar Part No. - CF5006CKD-1

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CF500 LSTD-CF500 Datasheet
320Kb / 2P
   EcoFoamTM Conductive Foam
logo
Cvilux Corporation
CF5001SC CVILUX-CF5001SC Datasheet
785Kb / 3P
   1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
logo
Nippon Precision Circui...
CF5002LA NPC-CF5002LA Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
CF5002LB NPC-CF5002LB Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
CF5002LC NPC-CF5002LC Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
More results

Similar Description - CF5006CKD-1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com