Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44C404 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC44C404
Description  Stereo Encoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44C404 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC44C404 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44C404 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44C404 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44C404 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44C404 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44C404 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44C404 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44C404 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44C404 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Freescale Semiconductor
MC44C404
Figure 3. MC44C404 Typical Application Circuit for B, G and H Systems
VINA
VINB
VAGO
VAGO
SYS_I
VREFP
VREFM
VAGO
QPSK
CLK4MHZ
9
3
4
5
2
10
22
15
24 MHz
1 µF
0.1 µF
0.1 µF
1 µF
2 MΩ
18 pF
18 pF
1
µF
1 µF
0.1
µF
0.1
µF
0.1
µF
1 µF
6
3.3 V REG
A Input
B Input
CVBS
Vin
Analog Ground
Digital Ground
3.3 V
47 Ω
22 µH
MC44C404
1 µF
.1 µF
75 Ω
2.2 µF
RFOUT
PLLFLT
SPFLT
VIDEO
AUXIN
XTAL
+5 V
I2C
MC44BS373CAFC
TVOUT
14
7
4
9
12
8
1000 pF
.01 µF
.022 µF
.047 µF
2.2 KΩ
75 Ω
IN
2.2 KΩ
Modulator
C1
32
C2
28
C3
31
C4
29
20
1
µH
1500 pF
750 Ω
1.5 KΩ
BPF1 - PAL
680 pF
680 pF
75 pF
LPF1
33 pF
2.0 KΩ
BPF1 - SYS_I
560 pF
1
µH
560 pF
1
µH
.1 µF
LPF1
BPF1
Video Notch
2.0 KΩ
1.5 KΩ
1.0 KΩ
1.2 KΩ
1
µH
SYS_I
SIGNAL
STANDARD
SYS_I = 1
SYSTEM I
SYS_I = 0 SYSTEMS B, G, H, L


Similar Part No. - MC44C404

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44C404 FREESCALE-MC44C404 Datasheet
365Kb / 11P
   NICAM 728 - Stereo Encoder
MC44C404EP FREESCALE-MC44C404EP Datasheet
365Kb / 11P
   NICAM 728 - Stereo Encoder
MC44C404EPR2 FREESCALE-MC44C404EPR2 Datasheet
365Kb / 11P
   NICAM 728 - Stereo Encoder
MC44C404 FREESCALE-MC44C404_08 Datasheet
365Kb / 11P
   NICAM 728 - Stereo Encoder
More results

Similar Description - MC44C404

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44C401L FREESCALE-MC44C401L Datasheet
188Kb / 12P
   MTS Stereo Encoder
logo
Motorola, Inc
MC44C401 MOTOROLA-MC44C401 Datasheet
426Kb / 16P
   MTS Stereo Encoder
logo
Freescale Semiconductor...
MC44C402 FREESCALE-MC44C402 Datasheet
371Kb / 12P
   MTS Stereo Encoder
MC44C404 FREESCALE-MC44C404_08 Datasheet
365Kb / 11P
   NICAM 728 - Stereo Encoder
logo
Asahi Kasei Microsystem...
AK4145 AKM-AK4145 Datasheet
320Kb / 27P
   Digital BTSC Stereo Encoder
AK4145 AKM-AK4145 Datasheet
238Kb / 11P
   Digital BTSC Stereo Encoder
logo
Freescale Semiconductor...
MC44C401LAC FREESCALE-MC44C401LAC Datasheet
189Kb / 12P
   MC44C401L MTS Stereo Encoder
logo
Maxim Integrated Produc...
MAX5440 MAXIM-MAX5440 Datasheet
635Kb / 16P
   Stereo Volume Control with Rotary Encoder Interface
Rev 1; 5/06
MAX5440 MAXIM-MAX5440_08 Datasheet
196Kb / 16P
   Stereo Volume Control with Rotary Encoder Interface
Rev 2; 11/08
MAX5440 MAXIM-MAX5440_V01 Datasheet
1Mb / 16P
   Stereo Volume Control with Rotary Encoder Interface
19-0542; Rev 3; 4/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com