Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8760CA Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8760CA
Description  Spread Spectrum Clock Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8760CA Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8760CA Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8760CA Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8760CA Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8760CA Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8760CA Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8760CA Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8760CA Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8760CA Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SM8760CA
SEIKO NPC CORPORATION —1
Spread Spectrum Clock Generator
OVERVIEW
The SM8760CA is a compact clock generator IC with 4-times multiplication clock signal output that has a
spread spectrum (SS) function to reduce undesirable EMI radiation. The SM8760CA has built-in crystal oscil-
lator circuit, PLL, and loop filter. It accepts an input clock signal, generated using an external crystal or direct
external clock input, and outputs 1 SS-modulated 4-times multiplication clock signal and 1 unmodulated refer-
ence signal. In addition, the SM8760CA features control pins to select SS modulation function ON/OFF and
power-down modes.
FEATURES
I
Spread spectrum clock output to reduce EMI
I
Modulation rate: Center spread:
± 1.0%
I
Input frequency
• Using crystal element connection: 12.75MHz
(fundamental frequency)
• Using external input clock: 12.75MHz
I
Multiplication: 4-time multiplication
I
Operating supply voltage: 3.3
± 0.3V
I
Low jitter: 350ps typ (Cycle-to-Cycle)
I
Functions: Power-down function, SS modulation
ON/OFF
I
Mode control pins: Pull-up resistors built-in
I
Package: 8-pin VSOP
APPLICATIONS
I
Printer (laser/inkjet)
I
Photocopiers, scanners
I
LCD/PDP displays
I
Projectors
I
Miscellaneous electronic equipment
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Device
Package
SM8760CAV
8-pin VSOP
XT
VDD
CLKOUT
VSS
REFOUT
XTN
PDN
ENS
1
4
8
5
0.575TYP
3.1 ± 0.3
0.10
0.22 ± 0.1
0.12
0.15 −
0.05
+ 0.1
0.65
M
0 to 10 °


Similar Part No. - SM8760CA

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8761 NPC-SM8761 Datasheet
126Kb / 11P
   Spread Spectrum Clock Generator
SM8761AA NPC-SM8761AA Datasheet
126Kb / 11P
   Spread Spectrum Clock Generator
SM8761AAS NPC-SM8761AAS Datasheet
126Kb / 11P
   Spread Spectrum Clock Generator
SM8761AB NPC-SM8761AB Datasheet
126Kb / 11P
   Spread Spectrum Clock Generator
SM8761ABS NPC-SM8761ABS Datasheet
126Kb / 11P
   Spread Spectrum Clock Generator
More results

Similar Description - SM8760CA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com