Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8580AM Datasheet(PDF) 18 Page - Nippon Precision Circuits Inc

Part # SM8580AM
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580AM Datasheet(HTML) 18 Page - Nippon Precision Circuits Inc

Back Button SM8580AM_06 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8580AM_06 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8580AM_06 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8580AM_06 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM8580AM_06 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM8580AM_06 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM8580AM_06 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM8580AM_06 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM8580AM_06 Datasheet HTML 22Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
SM8580AM
SEIKO NPC CORPORATION —18
CE1 Control Register (Bank 1, Register B)
I
This register determines whether the temperature sensor function and digital correction function in combina-
tion with the CE1 input pin. CTEMP determines the temperature sensor operation, and CDT_ON determines
the digital correction function operation.
I
CTEMP bit
When CTEMP is set to 0, the temperature sensor operates only when the CE1 pin is HIGH.
When CTEMP is set to 1, the temperature sensor operates without any relationship to the CE1 input state.
Note that the temperature sensor operation also depends on the bank 2 TEMP bit to be active.
I
CDT_ON bit
When CDT_ON is set to 0, the digital correction function operates only when the CE1 pin is HIGH.
When CDT_ON is set to 1, the digital correction function operates without any relationship to the CE1 input
state.
Note that the digital correction function also depends on the bank 2 DT_ON bit to be active.
I
Function operation tables
Bank
Address
Register
Bit 3
Bit 2
Bit 1
Bit 0
1
B
CE1 control
CTEMP
CDT_ON
CE1 pin
CTEMP bit
TEMP bit
Temperature sensor
××
0
Not operating
LOW
0
1
Not operating
HIGH
0
1
Operating
LOW
1
1
Operating
HIGH
1
1
Operating
CE1 pin
CDT_ON bit
DT_ON bit
Digital correction
××
0
Not operating
LOW
0
1
Not operating
HIGH
0
1
Operating
LOW
1
1
Operating
HIGH
1
1
Operating


Similar Part No. - SM8580AM_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8580AM NPC-SM8580AM Datasheet
179Kb / 23P
   Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
More results

Similar Description - SM8580AM_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8580AM NPC-SM8580AM Datasheet
179Kb / 23P
   Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
logo
Epson ToYoCom
RTC-4701JE EPSONTOYOCOM-RTC-4701JE Datasheet
338Kb / 2P
   Built-in Temperature Sensor SERIAL-INTERFACE REAL TIME CLOCK MODULE
logo
OKI electronic componet...
MSM62X42B OKI-MSM62X42B Datasheet
202Kb / 27P
   REAL TIME CLOCK IC WITH BUILT-IN CRYSTAL
logo
RICOH electronics devic...
R2043T-E2-F RICOH-R2043T-E2-F Datasheet
868Kb / 52P
   4-wire Serial Interface Real Time Clock IC
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
RTC-8563JE ETC-RTC-8563JE Datasheet
416Kb / 2P
   IC-Bus interface real time clock module
logo
Nippon Precision Circui...
SM8578BV NPC-SM8578BV Datasheet
77Kb / 13P
   Real-time Clock IC
SM8577B NPC-SM8577B Datasheet
78Kb / 10P
   Real-time Clock IC
SM8578BV NPC-SM8578BV Datasheet
117Kb / 16P
   Real-time Clock IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com