Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5073D4S Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5073D4S
Description  VCXO ICs with Built-in Varicap
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5073D4S Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5073D4S Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5073D4S Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5073D4S Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5073D4S Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5073D4S Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5073D4S Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5073D4S Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5073D4S Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5073D4S Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SM5073 series
SEIKO NPC CORPORATION —4
ABSOLUTE MAXIMUM RATINGS
VSS = 0V unless otherwise noted.
RECOMMENDED OPERATING CONDITIONS
VSS = 0V, f = 10MHz to 60MHz, CL ≤ 15pF unless otherwise noted.
Parameter
Symbol
Conditions
Rating
Unit
Supply voltage range
VDD
−0.5 to 7.0
V
Input voltage range
VIN
All input pins excluding VC pin
−0.5 to VDD + 0.5
V
VC pin
−0.5 to VDD + 2.51
1. It should not exceed + 7.0V.
V
Output voltage range
VOUT
−0.5 to VDD + 0.5
V
Operating temperature range
Topr
−40 to +85
°C
Storage temperature range
TSTG
−55 to +125
°C
Output current
IOUT
20
mA
Power dissipation
PD
500
mW
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
Operating supply voltage
VDD
3.0
3.6
V
Input voltage
VIN
VSS
–VDD
V
Operating temperature
TOPR
–40
+85
°C


Similar Part No. - SM5073D4S

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM50 SEMTECH-SM50 Datasheet
151Kb / 3P
   RECTIFIER UP YO 10kV, 300mA, 2.5us
logo
Datatronic Distribution...
SM500-1 DATATRONICS-SM500-1 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-10 DATATRONICS-SM500-10 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-11 DATATRONICS-SM500-11 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-12 DATATRONICS-SM500-12 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
More results

Similar Description - SM5073D4S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
5075 NPC-5075 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
5076 NPC-5076 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Torex Semiconductor
XC2173 TOREX-XC2173 Datasheet
160Kb / 8P
   ICs for use with Crystal Oscillators (PLL built-in)
logo
Rohm
BD8132FV ROHM-BD8132FV_09 Datasheet
601Kb / 21P
   High-precision Gamma Correction ICs with built-in DAC
logo
Torex Semiconductor
XC2173-12 TOREX-XC2173-12 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_1 Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com