Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8150A Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8150A
Description  PMIC with White LED Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8150A Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8150A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8150A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8150A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8150A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8150A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8150A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8150A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8150A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8150A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SM8150A
SEIKO NPC CORPORATION —1
PMIC with White LED Driver
1. OVERVIEW
The SM8150A is a charge pump type white LED driver, with 2-system programmable LDOs (Low Dropout
Regulator), and step-down DC/DC converter power management IC. The white LED driver provides constant-
current drive for 1 to 6 backlight white LED connected in parallel and 1 torch/strobe white LED. The charge
pump automatically selects between
×1 mode, ×1.5 boost mode, and ×2 boost mode in response to battery volt-
age, LED drive current, and VFLED (LED forward bias voltage drop) conditions in order to extend battery
drive life. The SM8150A operating mode settings are accessed using an I2C*1 interface, allowing LED drive
current, LDO voltage, output ON/OFF, and other settings to be controlled from a microcontroller.
*1. I2C-BUS is a registered trademark of NXP B. V.
2. FEATURES
I
Optimum specifications for clamshell cellular
phone with camera
• LCD backlight: Main-4ch/Sub-2ch (max 25mA/ch)
• Camera flash: 1ch (max 300mA)
I
Power saving design by automatic mode selection
of charge pump
• Power at
×1.5 mode is reduced by 25% from×2 mode
• Power at
×1 mode is reduced by 50% from ×2
mode, 33% from
×1.5 mode
I
I2C interface best match for cellular phone chipset
I
Selecting current value (torch/strobe) of flash LED
by SBN pin
I
Shutdown synchronized to microcontroller supply
by VEN pin
I
1 system of step-down DC/DC converter built-in
• Output: 1.2 to 3.0V@ max 500mA
I
2 systems of programmable LDO built-in
• Output: 1.5/1.8/2.5/2.6/2.8/3.0/3.1/3.3V@ max 300mA
I
Various protection circuits built-in
• Startup soft start circuit built-in
• Overtemperature thermal shutdown (TSD) cir-
cuit built-in
• Supply undervoltage lockout (UVLO) circuit built-in
I
Supply voltage range (VIN1 to VIN3) : 2.7 to 4.6V
Logic operating voltage range (VEN) : 1.8 to 4.6V
I
White LED Driver
• Charge-pump frequency: 1.0MHz (typ)
• Charge-pump maximum output current: 450mA
• Backlight LED current: 25
± 1.5mA/ch (max)
• Backlight LED relative accuracy:
± 3%
• Flash LED current: 300
± 20mA (max)
I
DC/DC converter
• DC/DC converter output voltage: 1.2 to 3.0V (typ)
• DC/DC converter output current: 500mA (max)
• DC/DC converter operating frequency: 2.0MHz (typ)
• DC/DC converter voltage accuracy:
± 2%
I
LDO
• LDO output voltage: 1.5 to 3.3V (VIN = 3.6V)
• LDO output current: 300mA (max)
• LDO dropout voltage: 0.1V (typ)
• LDO voltage accuracy:
± 2%
I
Package: 28-pin QFN
3. TYPICAL APPLICATION CIRCUIT
4. APPLICATIONS
I
Cellular phone
I
Mobile equipment
5. ORDERING INFORMATION
Device
Package
SM8150AB
28-pin QFN
4.7
µF
SDA
SCL
VOUT
DIN1
DIN2
DIN3
DIN4
DIN5
DIN6
LDOUT1
DIN7
VEN
LX
FB
LDOUT2
DCOUT
(1.8V)
VIN1
LDO1 output
LDO2 output
2.2
µF
2.2
µF
2.2
µH
2.2
µF
8pF
200k
100k
PGND1
2.2
µF
VIN2
PGND2
2.2
µF
VIN3
3.6V
2.2
µF
0.1
µF
Logic supply
VREF
SBN
Strobe
ON/OFF
SM8150A
0.1
µF
I C
2
C1P
C1M C2P
C2M
1
µF1µF
GND1
GND2


Similar Part No. - SM8150A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM8150C SECOS-SM8150C Datasheet
135Kb / 2P
   Voltage 150V 8 Amp Schottky Barrier Rectifiers
SM8150C SECOS-SM8150C_15 Datasheet
135Kb / 2P
   8.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SM8150A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6951B ONSEMI-NCP6951B Datasheet
429Kb / 35P
   Camera PMIC with Flash LED Driver
November, 2015 ??Rev. 0
logo
Texas Instruments
DLPA4000 TI1-DLPA4000 Datasheet
2Mb / 79P
[Old version datasheet]   PMIC and High-Current LED Driver
logo
Linear Technology
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
   White LED Driver with Integrated Schottky
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
logo
SG Micro Corp
SGM3123 SGMICRO-SGM3123 Datasheet
307Kb / 10P
   White LED Driver with LowDropout CurrentSource
logo
Gamma Microelectronics ...
GM19371 GAMMA-GM19371 Datasheet
171Kb / 10P
   BOOST WHITE LED DRIVER WITH OVP
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_08 Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008 Datasheet
59Kb / 2P
   WHITE LED DRIVER
AP3008 BCDSEMI-AP3008_06 Datasheet
121Kb / 10P
   WHITE LED DRIVER
logo
TOKO, Inc
TK11850L TOKO-TK11850L Datasheet
162Kb / 14P
   WHITE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com