Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8146AD1 Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM8146AD1
Description  EL Driver IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8146AD1 Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM8146AD1 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8146AD1 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8146AD1 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8146AD1 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8146AD1 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8146AD1 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8146AD1 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8146AD1 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8146AD1 Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SM8146AD1
SEIKO NPC CORPORATION —11
Power supply from stabilizing supply
D
: TOSHIBA
1SS403
L
: TAIYO YUDEN
NR4012T221M
C2 : Refer to the table below
VDD
[V]
IDD
[mA]
L
[
µH]
ROCL
[k
Ω]
ROCE
[k
Ω]
fOUT
[Hz]
VOUT
[V]
Brightness
[cd/m2]
Other component
3.0
17.4
220
390
200
262
165
19.5
C2: GRM3192C2A222JA01
3.3
20.6
330
130
392
165
26.1
C2: GRM3192C2A222JA01
4.0
20.0
220
91
538
165
31.5
C2: GRM3192C2A222JA01
5.0
15.5
110
91
541
165
32.2
C2: GRM3192C2A472JA01
VSS
LDR
CHV
OUT1
OUT2
OCL
OCE
DIM
ENA
VDD
ROCE
Ragulated
voltage
EL sheet
L
C1
1.0
µF
C2
ROCL
D
10cm
2
VIH > 1.4V
ON
OFF
OFF
VIH > 1.4V


Similar Part No. - SM8146AD1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8140A NPC-SM8140A Datasheet
66Kb / 6P
   EL Driver IC
SM8140AM NPC-SM8140AM Datasheet
66Kb / 6P
   EL Driver IC
SM8141 NPC-SM8141 Datasheet
81Kb / 8P
   EL Sheet Driver
SM8141AV NPC-SM8141AV Datasheet
81Kb / 8P
   EL Sheet Driver
SM8141BV NPC-SM8141BV Datasheet
81Kb / 8P
   EL Sheet Driver
More results

Similar Description - SM8146AD1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8140A NPC-SM8140A Datasheet
66Kb / 6P
   EL Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
   EL LAMP DRIVER IC
logo
List of Unclassifed Man...
M5003 ETC-M5003 Datasheet
108Kb / 4P
   EL LAMP DRIVER IC
logo
Supertex, Inc
HV858 SUTEX-HV858 Datasheet
253Kb / 7P
   Tri-EL Lamp Driver IC
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
   High Voltage EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_07 Datasheet
502Kb / 5P
   High Voltage EL Lamp Driver IC
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
   High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
   High Voltage EL Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com