Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8134A Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8134A
Description  White LED Driver IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8134A Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8134A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8134A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8134A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8134A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8134A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8134A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8134A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8134A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8134A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SM8134A
SEIKO NPC CORPORATION —1
White LED Driver IC
OVERVIEW
The SM8134A is a charge pump type white LED driver. It can drive 1 to 4 backlight white LED connected in
parallel and 1 flash white LED, making the device ideal for camera-equipped cellular phones. The charge
pump switches between
×1 to ×1.5 boost mode in response to LED drive current requirements to extend bat-
tery life to the maximum. The boost switching occurs in response to the drive current of all the connected LED
and thus supports variations in LED forward-bias voltage drop (VF). Each LED drive current is controlled by a
5-channel LED drive current control circuit. The backlight LED drive current and ON/OFF control, and flash
LED drive current and ON/OFF control are all set by 3-wire serial interface data input. Also, an under voltage
lockout (UVLO) circuit is built-in to prevent incorrect operation when the battery voltage drops.
FEATURES
I
Noise reduction due to charge pump boost circuit
I
Automatic charge pump switching to conserve
power
I
Drives 1 to 4 backlight white LED
(30mA/ch at maximum setting)
I
Drives a flash white LED
(150mA at maximum setting)
I
Backlight and flash white LED brightness
adjustment
I
3-wire serial input interface for all setting and
control
I
Under voltage lockout (UVLO) circuit built-in
I
Soft start circuit built-in
I
Thermal protection circuit built-in
I
Input voltage range
• No-load current (IOUT = 0mA): 2.7 to 4.6V
• Load current (IOUT = 80mA): 3.0 to 4.6V
• Load current (IOUT = 180mA): 3.3 to 4.6V
• Load current (IOUT = 200mA): 3.4 to 4.6V
I
Quiescent current
• Not-switching (
×1.0 mode): 0.3mA (typ)
• Switching (
×1.5 mode): 1.7mA (typ)
I
Standby current: 0.01
µA (typ)
I
Operating frequency: 750kHz (typ)
I
Maximum backlight LED current: 30mA/ch
I
Maximum flash LED current: 150mA
I
All LED total maximum current: 200mA
I
Backlight LED current matching (ILED = 20mA)
:
± 3%
I
Flash LED current accuracy (ILED = 150mA)
:
± 6.7%
I
Packages: 16-pin QFN
PINOUT
(Top view)
PACKAGE DIMENSION
(Unit: mm)
APPLICATIONS
I
Cellular phone
I
Digital still camera
I
PDA
I
Portable games
ORDERING INFORMATION
Device
Package
SM8134AB
16-pin QFN
SDA
DIN1
VOUT
VIN
DIN3
DIN4
DIN5
PGND
TOP VIEW
BOTTOM VIEW
3.0 ± 0.08
0.22 ± 0.05
C 0.3
1.8
∆ 0.05 M
S
0.2 S AB
0.5
B
SA
0.2 S
S
0.05
A
B


Similar Part No. - SM8134A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8130A50D NPC-SM8130A50D Datasheet
83Kb / 6P
   White LED Driver IC
SM8131B NPC-SM8131B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8131B00B NPC-SM8131B00B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
More results

Similar Description - SM8134A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
   White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
   White LED Driver IC
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com