Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5950BM Datasheet(PDF) 14 Page - Nippon Precision Circuits Inc

Part # SM5950BM
Description  Asynchronous Sample Rate Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5950BM Datasheet(HTML) 14 Page - Nippon Precision Circuits Inc

Back Button SM5950BM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5950BM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5950BM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5950BM Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5950BM Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5950BM Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5950BM Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5950BM Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5950BM Datasheet HTML 18Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
SM5950BM
SEIKO NPC CORPORATION —14
Deemphasis (DEEM)
Basic deemphasis filters are realized using analog circuit configurations. Here, an IIR digital deemphasis filter
configuration faithfully reproduces the gain and phase characteristics of an analog deemphasis filter. The filter
coefficients are set by pins FS0 and FS1 for 3 input sampling frequencies (fsi) of 44.1kHz, 48.0kHz, and
32.0kHz.
Deemphasis ON/OFF
Deemphasis filter coefficient selection
The deemphasis filter is selected by pins FS0 and FS1.
Deemphasis filter characteristics
DEEM
Deemphasis
L
OFF
HON
FS0
FS1
fsi
L
L
44.1kHz
H
L
44.1kHz
L
H
48.0kHz
H
H
32.0kHz
Figure 2. Deemphasis filter frequency characteristics
Figure 3. Deemphasis filter phase characteristics
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
10
100
1000
10000
100000
Frequency [Hz]
44.1kHz
48kHz
32kHz
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
Frequency [Hz]
44.1kHz
48kHz
32kHz


Similar Part No. - SM5950BM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
More results

Similar Description - SM5950BM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
   Asynchronous Sample Rate Converter
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
   ASYNCHRONOUS SAMPLE RATE CONVERTER
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5844AF NPC-SM5844AF Datasheet
280Kb / 26P
   Asynchronous Sample Rate Converter
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com