Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5950BM Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5950BM
Description  Asynchronous Sample Rate Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5950BM Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5950BM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5950BM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5950BM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5950BM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5950BM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5950BM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5950BM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5950BM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5950BM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SM5950BM
SEIKO NPC CORPORATION —1
Asynchronous Sample Rate Converter
OVERVIEW
The SM5950BM is a digital audio signal asynchronous sample rate converter LSI. It supports 16/20/24-bit
word-length input/output interface data. It also features a built-in digital deemphasis filter and direct mute
functions.
FEATURES
Functions
I
L/R 2-channel (stereo) processing
I
Input sample rate range: 20kHz to 100kHz
I
Output sample rate range: 30kHz to 50kHz
I
Operating sample rate conversion ratio (fso/fsi)*1
: 0.45 to 2.205 selectable
*1: fsi = input sample rate
fso = output sample rate
I
Asynchronous input and output clock timing
I
System clock input
• Input system clock: 1fsi (LRCI)
• Output system clock: 512fso (SCKO input)
I
Deemphasis filter function
• IIR-type filter
• fsi = 44.1kHz, 48kHz, 32kHz compatible
I
Direct mute function
I
Through mode operation
• Direct connection from input to output
I
Output data clocks (LRCO, BCKO)
• Slave mode: external inputs
• Master mode: derived from the output system
clock (SCKO)
I
Computation round-off processing
• Normal round-off
I
5V tolerant input pins for direct connection to 5V
operation devices
I
3.3V single supply
I
Package: 24-pin SSOP
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Weight: 0.23g
Note: Dimensions without tolerance are reference values.
Device
Package
SM5950BM
24-pin SSOP
LRCI 1
BCKI 2
DI 3
TMOD0 4
RSTN 5
VDD 6
IISI 7
IMOD0 8
IMOD1 9
DEEM 10
FS0 11
FS1 12
24
23
22
21
20
19
18
17
16
15
14
13
LRCO
BCKO
DOUT
SLAVE
SCKO
VSS
IISO
OMOD0
OMOD1
TMOD1
THROU
DMUTE
10.20 ± 0.30
10.05 ± 0.20
0.36 ± 0.10
0.8
0.12 M
0.10
0 to 10
0.15 − 0.05
+ 0.10


Similar Part No. - SM5950BM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
More results

Similar Description - SM5950BM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
   Asynchronous Sample Rate Converter
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
   ASYNCHRONOUS SAMPLE RATE CONVERTER
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5844AF NPC-SM5844AF Datasheet
280Kb / 26P
   Asynchronous Sample Rate Converter
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com