Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM1125 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM1125
Description  Multimelody IC for Pagers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1125 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM1125_06 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1125_06 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1125_06 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1125_06 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1125_06 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1125_06 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM1125_06 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM1125_06 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM1125_06 Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SM1125 series
SEIKO NPC CORPORATION —8
Musical Specifications
Maximum program steps
The mask for the built-in ROM can be programmed with up to a maximum of 512 steps, where each step repre-
sents either a note (sound pitch and length) or a rest.
Note length (including rests)
Eight rhythm values for notes and rests can be programmed. Also, 2 or more notes can be musically tied.
Pitch and scale
SM1125 series devices perform uniform interval length processing to reduce the error at high pitches. This
maintains the relative phase when the frequency varies from the input value.
The pitch varies with the clock frequency, as shown in the frequency listing in table 4.
The frequency variation from the input frequency is the sum of the relative error, shown in the frequency table,
plus the pitch error.
(Ex) 38.4kHz system, A4 note
Relative error: 8.99 cent
Pitch error:
−3.58 cent
Total: +5.41 cent
Error calculation:
Table 3. Rhythm values
01234567
Note
Rest
1200
× log
2
= 1200
×
Reference frequency
Output frequency
log10
Reference frequency
Output frequency
log102
≈ 3986.3 × log
10 Reference frequency
Output frequency
≈ 3986.3 × log
10 440.000
441.379
≈ 5.41 cent


Similar Part No. - SM1125_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1125ABV NPC-SM1125ABV Datasheet
93Kb / 9P
   Multimelody IC for Pagers
More results

Similar Description - SM1125_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
   Multimelody IC for Pagers
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
   Multimelody IC for Pagers
SM1125ABV NPC-SM1125ABV Datasheet
93Kb / 9P
   Multimelody IC for Pagers
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
   FM IF IC FOR PAGERS
logo
Rohm
BH6111FV ROHM-BH6111FV Datasheet
148Kb / 9P
   Power unit IC for pagers
logo
New Japan Radio
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
   FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM8211M NPC-SM8211M Datasheet
145Kb / 22P
   POCSAG Decoder For Pagers
logo
CML Microcircuits
FX013 CMLMICRO-FX013 Datasheet
229Kb / 6P
   HSC Tone Decoder for pagers
logo
Nippon Precision Circui...
SM8213AM NPC-SM8213AM Datasheet
171Kb / 33P
   POCSAG Decoder For Multiframe Pagers
logo
Rohm
BH6113FV ROHM-BH6113FV Datasheet
207Kb / 11P
   Power unit ICs for pagers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com