Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF5036F2 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # CF5036F2
Description  2.5V LVPECL Output Oscillator ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5036F2 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button CF5036F2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5036F2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5036F2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5036F2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5036F2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5036F2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5036F2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5036F2 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5036F2 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CF5036 series
SEIKO NPC CORPORATION —8
FUNCTIONAL DESCRIPTION
Standby Function
When OE goes LOW, the oscillator stops and the output pins (OUT, OUTN) become high impedance.
Power-saving Pull-up Resistor
The OE pin pull-up resistance changes in response to the input level (HIGH or LOW). When OE is tied LOW
(standby state), the pull-up resistance becomes large, reducing the current consumed by the resistance. When
OE is open circuit, the pull-up resistance becomes small, decreasing the susceptibility to the effects of external
noise.
OE
OUT, OUTN
Oscillator
HIGH (or open)
Either fO or fO/2
Normal operation
LOW
High impedance
Stopped


Similar Part No. - CF5036F2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5034 NPC-CF5034 Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
CF5034AA NPC-CF5034AA Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
CF5034AA-1 NPC-CF5034AA-1 Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
CF5034AB NPC-CF5034AB Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
CF5034AB-1 NPC-CF5034AB-1 Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
More results

Similar Description - CF5036F2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
5037 NPC-5037 Datasheet
113Kb / 11P
   2.5V LVDS Output Oscillator ICs
CF5037 NPC-CF5037 Datasheet
94Kb / 10P
   2.5V LVDS Output Oscillator ICs
5036 NPC-5036 Datasheet
113Kb / 11P
   2.5V LV-PECL Output Oscillator ICs
logo
EUROQUARTZ limited
EQXP-PC72 EUROQUARTZ-EQXP-PC72 Datasheet
164Kb / 1P
   LVPECL 7x5mm 2.5V OSCILLATOR
EQXP-PC52 EUROQUARTZ-EQXP-PC52 Datasheet
165Kb / 1P
   LVPECL 5x3.2mm 2.5V OSCILLATOR
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
   LVPECL Oscillator LVPECL Output
logo
Fox Electronics
FXO-PC52 FOX-FXO-PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
logo
Integrated Device Techn...
8SLVP2102 IDT-8SLVP2102 Datasheet
628Kb / 23P
   2.5V LVPECL Output Fanout Buffer
logo
Nippon Precision Circui...
5087 NPC-5087 Datasheet
511Kb / 15P
   LVDS Output Oscillator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com