Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS62P15 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P15
Description  Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P15 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS62P15 Datasheet HTML 13Page - Texas Instruments ADS62P15 Datasheet HTML 14Page - Texas Instruments ADS62P15 Datasheet HTML 15Page - Texas Instruments ADS62P15 Datasheet HTML 16Page - Texas Instruments ADS62P15 Datasheet HTML 17Page - Texas Instruments ADS62P15 Datasheet HTML 18Page - Texas Instruments ADS62P15 Datasheet HTML 19Page - Texas Instruments ADS62P15 Datasheet HTML 20Page - Texas Instruments ADS62P15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
www.ti.com
DESCRIPTION OF SERIAL REGISTERS
ADS62P15
SLAS572 – OCTOBER 2007
Table 1.
A7–A0
D7
D6
D5
D4
D3
D2
D1
D0
(hex)
<RST>
00
0
0
0
0
0
0
0
Software Reset
D1
<RST>
1
Software reset applied – resets all internal registers and self-clears to 0.
Table 2.
A7–A0
D7
D6
D5
D4
D3
D2
D1
D0
(hex)
10
<CLKOUT STRENGTH>
0
0
0
0
0
0
D7–D6
<CLKOUT STRENGTH> Output clock buffer drive strength control
01
WEAKER than default drive
00
DEFAULT drive strength
11
STRONGER than default drive strength (recommended for load capacitances > 5 pF)
10
MAXIMUM drive strength (recommended for load capacitances > 5 pF)
Table 3.
A7–A0
D7
D6
D5
D4
D3
D2
D1
D0
(hex)
LVDS CURRENT> LVDS
<CURRENT DOUBLE>
11
0
0
buffer current
DATAOUT STRENGTH>
LVDS buffer current double
programmability
D1–D0
<DATAOUT STRENGTH> Output data buffer drive strength control
01
WEAKER than default drive
00
DEFAULT drive strength
11
STRONGER than default drive strength (recommended for load capacitances > 5 pF)
10
MAXIMUM drive strength (recommended for load capacitances > 5 pF)
D3–D2
<LVDS CURRENT> LVDS Current programmability
00
3.5 mA
01
2.5 mA
10
4.5 mA
11
1.75 mA
D5–D4
CURRENT DOUBLE> LVDS Current double control
00
default current, set by <LVDS CURR>
01
LVDS clock buffer current is doubled, 2x <LVDS CURR>
10
LVDS data and clock buffers current are doubled, 2x <LVDS CURR>
11
unused
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS62P15


Similar Part No. - ADS62P15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGC25 TI-ADS62P15IRGC25 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGC25 TI-ADS62P15IRGC25 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGCR TI-ADS62P15IRGCR Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
More results

Similar Description - ADS62P15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P15 TI-ADS62P15_1 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_09 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15 Datasheet
1Mb / 62P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15_10 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com