Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP590MN5ATAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP590MN5ATAG
Description  Dual Output, High Accuracy, Ultra Low Dropout CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP590MN5ATAG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP590MN5ATAG Datasheet HTML 1Page - ON Semiconductor NCP590MN5ATAG Datasheet HTML 2Page - ON Semiconductor NCP590MN5ATAG Datasheet HTML 3Page - ON Semiconductor NCP590MN5ATAG Datasheet HTML 4Page - ON Semiconductor NCP590MN5ATAG Datasheet HTML 5Page - ON Semiconductor NCP590MN5ATAG Datasheet HTML 6Page - ON Semiconductor NCP590MN5ATAG Datasheet HTML 7Page - ON Semiconductor NCP590MN5ATAG Datasheet HTML 8Page - ON Semiconductor NCP590MN5ATAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2007
June, 2007 - Rev. 0
1
Publication Order Number:
NCP590/D
NCP590
Dual Output, High Accuracy,
Ultra Low Dropout
CMOS LDO
The NCP590 is a family of very high precision dual-output CMOS
LDOs offered in a 2x2 DFN8 package. Each output is capable of
delivering up to 300 mA and is available in voltages from 0.8 V to
5 V.
The set point output voltage is accurate to within
±0.9% with an
operating voltage input up to 5.5 V. With its ultra low dropout
characteristics and low quiescent and ground current consumption,
the NCP590 is ideal for all battery operated consumer and
microprocessor applications. The NCP590 is protected against short
circuit and thermal overload conditions.
Features
Dual Outputs, Each Supporting up to 300 mA Current
Available in Output Combinations Ranging from 0.8 V to 5.0 V
2.1 V to 5.5 V VCC Operating Supply Range
Ultra-High Accuracy (0.9% max at 100 mA load & 25°C)
Each Output has a Dedicated Enable Control Pin
Enable Threshold Supports sub-1 V Systems
Very Low Drop Out Voltage (50 mV typ @ 100 mA load)
Low Noise (~20 mVrms) without Bypass Capacitor
Ultra Low Shutdown Current (0.2 mA)
Low Quiescent and Ground Current (80 - 100 mA typ.)
Thermal Shutdown and Current Limit Protection
Active Output Discharge when Disabled
No Minimum Output Current Required for Stability
Requires Cout of only 1.0 mF (any ESR) for Stability
Stable with Any Type of Capacitor (including MLCC) and Zero Load
Input Under Voltage Lock Out (UVLO)
Internally Compensated Regulator for Quick Transient Response
Space-Ef ficient 2x2 DFN8 Package
This is a Pb-Free Device
Applications
Cellular Phones
Cameras
MP3/CD Players, PDA's, Camcorders
DSP Supplies
Portable Info-tronics
PCMCIA Cards
Networking Systems, DSL/Cable Modems
DFN8, 2x2
MN SUFFIX
CASE 506AA
http://onsemi.com
MARKING DIAGRAM
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
1
XX = Specific Device Code
M
= Date Code
14
PIN CONNECTIONS
(Top View)
Vin
EN1
EN2
NC
Vout1
Vout2
GND
NC
8
7
6
5
1
2
3
4


Similar Part No. - NCP590MN5ATAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP590MN5ATAG ONSEMI-NCP590MN5ATAG Datasheet
125Kb / 11P
   Dual Output, High Accuracy Ultra Low Dropout
March, 2008 - Rev. 1
More results

Similar Description - NCP590MN5ATAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP590MNADR2G ONSEMI-NCP590MNADR2G Datasheet
125Kb / 11P
   Dual Output, High Accuracy Ultra Low Dropout
March, 2008 - Rev. 1
logo
Will Semiconductor Ltd.
WL2803D WILLSEMI-WL2803D Datasheet
768Kb / 9P
   Ultra low dropout, 800mA, CMOS LDO
WL2803E WILLSEMI-WL2803E Datasheet
879Kb / 10P
   Ultra low dropout, 500mA, CMOS LDO
logo
ACE Technology Co., LTD...
ACE605 ACE-ACE605 Datasheet
491Kb / 8P
   Ultra Low Dropout 2A CMOS LDO
VER 1.3
logo
Will Semiconductor Ltd.
WL2803K WILLSEMI-WL2803K Datasheet
732Kb / 10P
   Ultra low dropout, 800mA, CMOS LDO
logo
Bookly Micro electronic
BM9165 BOOKLY-BM9165 Datasheet
464Kb / 6P
   Ultra Low Dropout 2A CMOS LDO
logo
ON Semiconductor
NCP3334A ONSEMI-NCP3334A Datasheet
161Kb / 8P
   Ultra High Accuracy Low Dropout Regulator
September, 2015 ??Rev. 1
logo
Will Semiconductor Ltd.
WL2817DA WILLSEMI-WL2817DA Datasheet
2Mb / 15P
   Ultra low dropout, 500mA/1A, CMOS LDO
logo
Richtek Technology Corp...
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
   300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9009 RICHTEK-RT9009 Datasheet
142Kb / 9P
   2.5A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com