Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP590 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP590
Description  Dual Output, High Accuracy, Ultra Low Dropout CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP590 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP590 Datasheet HTML 1Page - ON Semiconductor NCP590 Datasheet HTML 2Page - ON Semiconductor NCP590 Datasheet HTML 3Page - ON Semiconductor NCP590 Datasheet HTML 4Page - ON Semiconductor NCP590 Datasheet HTML 5Page - ON Semiconductor NCP590 Datasheet HTML 6Page - ON Semiconductor NCP590 Datasheet HTML 7Page - ON Semiconductor NCP590 Datasheet HTML 8Page - ON Semiconductor NCP590 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NCP590
http://onsemi.com
2
Figure 1. Typical Application
NCP590
Vin
Vin
EN1
EN2
NC
ON
OFF
ON
OFF
Cin
1
mF
Vout1
Vout2
GND
NC
Cout1
1
mF
Cout2
1
mF
Vout1
Vout2
RLoad
RLoad
PIN FUNCTION
Pin No.
Symbol
Function
1
Vin
Input; Bypass directly at the IC with a 1
mF ceramic capacitor to Ground
2
EN1
Enable for output regulator 1; raise above 0.95 V to enable Vout1
3
EN2
Enable for output regulator 2; raise above 0.95 V to enable Vout2
4, 5
NC
NC; Do not make connection to these pins
6
GND
Ground
PAD
GND
The thermal pad should be connected to ground for best thermal performance. Float if necessary
7
Vout2
Output 2; Bypass to GND with a capacitor, 4.7
mF ≥ C ≥ 0.7 mF, any ESR
8
Vout1
Output 1; Bypass to GND with a capacitor, 4.7
mF ≥ C ≥ 0.7 mF, any ESR
Figure 2. Block Diagram
Current Limit
Saturation Sense
Thermal Protection
Error
Amplifier
Programmable
Reference
+
-
Current Limit
Saturation Sense
Thermal Protection
Error
Amplifier
+
-
Vout2
Vout1
GND
Vin
EN1
EN2


Similar Part No. - NCP590

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP590 ONSEMI-NCP590 Datasheet
125Kb / 11P
   Dual Output, High Accuracy Ultra Low Dropout
March, 2008 - Rev. 1
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP5901B ONSEMI-NCP5901B Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP5901BDR2G ONSEMI-NCP5901BDR2G Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
February, 2011 ??Rev. 1
NCP5901BDR2G ONSEMI-NCP5901BDR2G Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
More results

Similar Description - NCP590

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP590MNADR2G ONSEMI-NCP590MNADR2G Datasheet
125Kb / 11P
   Dual Output, High Accuracy Ultra Low Dropout
March, 2008 - Rev. 1
logo
Will Semiconductor Ltd.
WL2803D WILLSEMI-WL2803D Datasheet
768Kb / 9P
   Ultra low dropout, 800mA, CMOS LDO
WL2803E WILLSEMI-WL2803E Datasheet
879Kb / 10P
   Ultra low dropout, 500mA, CMOS LDO
logo
ACE Technology Co., LTD...
ACE605 ACE-ACE605 Datasheet
491Kb / 8P
   Ultra Low Dropout 2A CMOS LDO
VER 1.3
logo
Will Semiconductor Ltd.
WL2803K WILLSEMI-WL2803K Datasheet
732Kb / 10P
   Ultra low dropout, 800mA, CMOS LDO
logo
Bookly Micro electronic
BM9165 BOOKLY-BM9165 Datasheet
464Kb / 6P
   Ultra Low Dropout 2A CMOS LDO
logo
ON Semiconductor
NCP3334A ONSEMI-NCP3334A Datasheet
161Kb / 8P
   Ultra High Accuracy Low Dropout Regulator
September, 2015 ??Rev. 1
logo
Will Semiconductor Ltd.
WL2817DA WILLSEMI-WL2817DA Datasheet
2Mb / 15P
   Ultra low dropout, 500mA/1A, CMOS LDO
logo
Richtek Technology Corp...
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
   300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9009 RICHTEK-RT9009 Datasheet
142Kb / 9P
   2.5A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com