Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1522B Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1522B
Description  3 MHz, 600 mA Step-Down DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1522B Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1522B Datasheet HTML 1Page - ON Semiconductor NCP1522B Datasheet HTML 2Page - ON Semiconductor NCP1522B Datasheet HTML 3Page - ON Semiconductor NCP1522B Datasheet HTML 4Page - ON Semiconductor NCP1522B Datasheet HTML 5Page - ON Semiconductor NCP1522B Datasheet HTML 6Page - ON Semiconductor NCP1522B Datasheet HTML 7Page - ON Semiconductor NCP1522B Datasheet HTML 8Page - ON Semiconductor NCP1522B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCP1522B
http://onsemi.com
5
TABLE OF GRAPHS
Typical Characteristics for Step-down Converter
Figure
ISTB
Standby Current
vs. Input Voltage
7
Iq
Quiescent Current, PFM No Switching
vs. Input Voltage
8
VOUT
Output Voltage Accuracy
vs. Temperature
9, 10
Eff
Efficiency
vs. Output Current
11, 12, 13
Freq
Switching Frequency
vs. Input Voltage
14
VOUT
Soft-Start
vs. Time
15
VOUT
Short Circuit Protection
vs. Time
16
VOUT
Line Regulation
vs. Input Voltage
17, 18
VOUT
Line Transient
vs. Time
19, 20
VOUT
Load Regulation
vs. Output Current
21, 22
VOUT
Load Transient
vs. Time
23, 24, 25, 26
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
2.5
3.0
3.5
4.0
4.5
5.0
Figure 7. Shutdown Current vs. Supply Voltage
VIN, INPUT VOLTAGE (V)
44
46
48
50
52
54
56
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Figure 8. Quiescent Current PFM No Switching
vs. Supply Voltage
VIN, INPUT VOLTAGE (V)
5.5


Similar Part No. - NCP1522B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
More results

Similar Description - NCP1522B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
Analog Devices
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
logo
Analog Devices
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Analog Devices
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
   600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
ADP2102 AD-ADP2102_15 Datasheet
792Kb / 24P
   Low Duty Cycle, 600 mA, 3 MHz Synchronous Step-Down DC-to-DC Converter
REV. B
logo
Texas Instruments
LM3676 TI-LM3676_15 Datasheet
3Mb / 25P
[Old version datasheet]   2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
logo
Analog Devices
ADP2139CB-1.8EVALZ AD-ADP2139CB-1.8EVALZ Datasheet
544Kb / 20P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com