Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV4052APWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4052APWR
Description  DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4052APWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LV4052APWR Datasheet HTML 4Page - Texas Instruments SN74LV4052APWR Datasheet HTML 5Page - Texas Instruments SN74LV4052APWR Datasheet HTML 6Page - Texas Instruments SN74LV4052APWR Datasheet HTML 7Page - Texas Instruments SN74LV4052APWR Datasheet HTML 8Page - Texas Instruments SN74LV4052APWR Datasheet HTML 9Page - Texas Instruments SN74LV4052APWR Datasheet HTML 10Page - Texas Instruments SN74LV4052APWR Datasheet HTML 11Page - Texas Instruments SN74LV4052APWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SN54LV4052A, SN74LV4052A
DUAL 4CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SCLS429H − MAY 1999 − REVISED APRIL 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC
VINH = VIL
Input
Output
CL
50
VCC
GND
(ON)
Figure 4. Propagation Delay Time, Signal Input to Signal Output
CL
VCC
VI
VO
TEST CIRCUIT
tPLZ
50%
VOLTAGE WAVEFORMS
RL = 1 kΩ
VOL + 0.3 V
S1
S2
tPZH
tPHZ
50%
50%
50%
tPZL
50%
VCC
VO
50%
0 V
VOL
VINH
(tPZL, tPZH)
(tPLZ, tPHZ)
VCC
VO
0 V
VOL
VINH
VCC
0 V
VOH
VCC
0 V
≈0 V
VOH
VOH − 0.3 V
≈0 V
≈VCC
≈VCC
VINH
50
VO
VINH
VO
VINH
GND
VCC
tPLZ/tPZL
tPHZ/tPZH
GND
VCC
TEST
S1
S2
VCC
GND
Figure 5. Switching Time (tPZL, tPLZ, tPZH, tPHZ), Control to Signal Output


Similar Part No. - SN74LV4052APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4052APWR TI-SN74LV4052APWR Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052APWR TI-SN74LV4052APWR Datasheet
945Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052APWR TI-SN74LV4052APWR Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052APWR TI-SN74LV4052APWR Datasheet
803Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052APWRE4 TI-SN74LV4052APWRE4 Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - SN74LV4052APWR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A_101 TI-SN54LV4052A_101 Datasheet
803Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A-Q1 TI1-SN74LV4052A-Q1 Datasheet
805Kb / 18P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
U74LV4052 UTC-U74LV4052_15 Datasheet
307Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4052 UTC-4052_12 Datasheet
255Kb / 6P
   DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS DEMULTIPLEXERS
4052 UTC-4052 Datasheet
216Kb / 6P
   DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052 Datasheet
157Kb / 12P
   Dual 4-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_10 Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4052 UTC-4052_15 Datasheet
289Kb / 6P
   DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com