Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB1230 Datasheet(PDF) 7 Page - YOBON TECHNOLOGIES,INC.

Part # YB1230
Description  Low-Noise LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1230 Datasheet(HTML) 7 Page - YOBON TECHNOLOGIES,INC.

Back Button YB1230 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1230 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1230 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1230 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1230 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1230 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1230 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1230 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. YB1230 Datasheet HTML 10Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
YB1230 – 600mA
Low-Noise LDO Regulator
YB1230 MRev 1.4
www.yobon.com.tw
7
including low operating power and longer
battery life. The YB1230 consumes only
90µA of quiescent current under most
conditions.
Output Short-Circuit Current Limit
The YB1230 includes a current limiter,
which monitors and controls the pass
transistor’s gate voltage, limiting the output
current to about 380mA, for example, in a
short-circuit output situation.
Shutdown
The YB1230 also features a low-power
active shutdown mode. It has a switch that
turns off the device when disabled. This
allows the output capacitor and load to
discharge and de-energize the load. In the
shutdown mode, the internal functional
blocks, such as voltage reference and the
error amplifier, are turned off completely,
and the quiescent current is less than 1µA.
Thermal Protection Shutdown
The thermal protection shutdown function
protects the device from operating in over
temperature condition. When the junction
temperature exceeds +160°C, the thermal
sensor signals the shutdown logic, turning
off the pass transistor and allowing the IC
to cool down. The thermal sensor turns the
pass transistor on again after the IC’s
junction temperature drops to +140°C.
Soft-Start Circuitry
The YB1230 includes a soft-start circuitry to
limit inrush current at turn-on. During power
up, the output capacitor and output load are
charged with a reduced output current.
Shortly after the initial power up, the
soft-start feature is terminated and normal
operation is resumed.
Application Information
Enable/Shutdown
The YB1230 comes with an active-high
enable pin that allows the regulator to be
enabled. Forcing the enable pin low
disables the regulator and puts it into the
shutdown mode. This pin cannot be left
floating as it may cause an undetermined
state.
Input/Output Capacitor
It is recommended to use a 2.2µF capacitor
on the YB1230 input and a 2.2µF capacitor
on
the
output.
For
high
regulation
performance, larger input capacitor values
and lower ESRs provide better noise
rejection and line-transient response. The
output noise, load-transient response,
stability, and power-supply rejection can be
improved by using large output capacitors.
Low ESR ceramic capacitors provide
optimal performance and save space.


Similar Part No. - YB1230

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1230ST23X180 YOBON-YB1230ST23X180 Datasheet
360Kb / 11P
   600mA, Low-Noise LDO Regulator
YB1230ST23X190 YOBON-YB1230ST23X190 Datasheet
360Kb / 11P
   600mA, Low-Noise LDO Regulator
YB1230ST23X200 YOBON-YB1230ST23X200 Datasheet
360Kb / 11P
   600mA, Low-Noise LDO Regulator
YB1230ST23X210 YOBON-YB1230ST23X210 Datasheet
360Kb / 11P
   600mA, Low-Noise LDO Regulator
YB1230ST23X220 YOBON-YB1230ST23X220 Datasheet
360Kb / 11P
   600mA, Low-Noise LDO Regulator
More results

Similar Description - YB1230

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1231 YOBON-YB1231 Datasheet
522Kb / 10P
   Low-Noise LDO Regulator
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
logo
ACE Technology Co., LTD...
ACE505 ACE-ACE505 Datasheet
231Kb / 9P
   Low noise 150mA LDO regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8555 BELLING-BL8555 Datasheet
1Mb / 9P
   Low noise 150mA LDO regulator
logo
RICOH electronics devic...
RP103X RICOH-RP103X Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
E-Tech Electronics LTD
LR1102 ETL-LR1102 Datasheet
490Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Micrel Semiconductor
MIC5206 MICREL-MIC5206 Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
logo
RICOH electronics devic...
R1111N RICOH-R1111N Datasheet
140Kb / 16P
   LOW NOISE 150mA LDO REGULATOR?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com