Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W682388 Datasheet(PDF) 2 Page - Winbond

Part # W682388
Description  Pro-X??CODEC Layout Guideline
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W682388 Datasheet(HTML) 2 Page - Winbond

  W682388 Datasheet HTML 1Page - Winbond W682388 Datasheet HTML 2Page - Winbond W682388 Datasheet HTML 3Page - Winbond W682388 Datasheet HTML 4Page - Winbond W682388 Datasheet HTML 5Page - Winbond W682388 Datasheet HTML 6Page - Winbond W682388 Datasheet HTML 7Page - Winbond W682388 Datasheet HTML 8Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
W682388 Layout Guideline Rev 1.3
Idle Channel Noise (ICN) performance can be further improved by splitting the 3.3V power plane. This way
the front end power (VDD1 – VDD4) and ground (GND1 – GND4 & VSSP) will be isolated from the main
3.3V and Ground planes by using ferrite beads.
2. DC-TO-DC Converter Layout
The W682388 DC-to-DC converter circuit uses pulse width modulation to generate the desired voltages.
Lay out this circuit carefully to minimize the contributed noise from the high switching currents. The
DC-to-DC converter has specific areas to optimize to minimize this noise effect. The critical areas are
described below:
Loop 1 in Figure 1 is the secondary fly-back current path that generates the negative VBAT potential. Place
the components in this area in a tight loop. Cover the open areas in between with as much copper as
possible.
Loop 2 in Figure 1 is the primary input current loop for the DC-to-DC converter from the unregulated power
supply. Place the capacitors in this area near the sense resistor to maximize results.
Voltage Sense Resistors
(Rdh and Rdl)
100V
DCP1
C34
0.1UF
100V
Loop 2
R45
200
Single point connection to Ground
Current Sense Resistor
(Ris)
BAT1
D4
ES1D
R41 (Rdh)
56.2K
DCH1
R42 (Rdl)
56.2K
DC_UNREG
Loop 1
C36
0.1UF
C31
10UF
Q16
ZX5T955G
1
DC_IN_CH1
R39 (Re1)
200
BAT1
100V
R38(Ris)
0.56
25V
Q18
2N2222
2
DCN1
L
150UH
DCL1
C29
10UF
Figure 1. DC-to-DC Converter Circuit
AN-CS006a_W682388 PCB Layout.doc
Page 2 of 8


Similar Part No. - W682388

ManufacturerPart #DatasheetDescription
logo
Winbond
W682388 WINBOND-W682388 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
W682388DG WINBOND-W682388DG Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
W682388YG WINBOND-W682388YG Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
More results

Similar Description - W682388

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
TDC-GP2 ETC1-TDC-GP2 Datasheet
336Kb / 6P
   Migration and Compatibility Guideline
logo
STMicroelectronics
AN4218 STMICROELECTRONICS-AN4218 Datasheet
1Mb / 26P
   Hardware design guideline
logo
Xilinx, Inc
XC2VP50-6FFG1152C XILINX-XC2VP50-6FFG1152C Datasheet
2Mb / 432P
   Virtex-II Pro and Virtex-II Pro X Platform FPGAs
logo
Fairchild Semiconductor
AN-6754 FAIRCHILD-AN-6754 Datasheet
352Kb / 8P
   Design Guideline to Replace SG6742
logo
3M Electronics
M2MXT-2036R 3M-M2MXT-2036R Datasheet
121Kb / 4P
   Fits standard .100 x 100 header layout
logo
Fairchild Semiconductor
9034 FAIRCHILD-9034 Datasheet
377Kb / 7P
   Power MOSFET Avalanche Guideline
logo
STMicroelectronics
AN3326 STMICROELECTRONICS-AN3326 Datasheet
308Kb / 21P
   SPC56EL60x hardware design guideline
logo
Fairchild Semiconductor
AN-9034 FAIRCHILD-AN-9034 Datasheet
377Kb / 7P
   Power MOSFET Avalanche Guideline
logo
Rosenberger Hochfrequen...
MB-522 ROSENBERGER-MB-522 Datasheet
172Kb / 2P
   Leiterplatten-Layout PCB Layout
21.08.2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com