Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15025HATB+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15025HATB+T
Description  Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15025HATB+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15025HATB+T Datasheet HTML 1Page - Maxim Integrated Products MAX15025HATB+T Datasheet HTML 2Page - Maxim Integrated Products MAX15025HATB+T Datasheet HTML 3Page - Maxim Integrated Products MAX15025HATB+T Datasheet HTML 4Page - Maxim Integrated Products MAX15025HATB+T Datasheet HTML 5Page - Maxim Integrated Products MAX15025HATB+T Datasheet HTML 6Page - Maxim Integrated Products MAX15025HATB+T Datasheet HTML 7Page - Maxim Integrated Products MAX15025HATB+T Datasheet HTML 8Page - Maxim Integrated Products MAX15025HATB+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Single/Dual, 16ns, High Sink/Source
Current Gate Drivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
MAX15024 ELECTRICAL CHARACTERISTICS
(VCC = VDRV = VREG = 10V, FB/SET = GND, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ =
+ 25°C). (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ............................................................-0.3V to +30V
REG to GND ..............-0.3V to the lower of +22V or (VCC + 0.3V)
DRV to PGND .........................................................-0.3V to +22V
IN_ ..........................................................................-0.3V to +22V
FB/SET to GND.........................................................-0.3V to +6V
P_OUT to DRV ........................................................-22V to +0.3V
N_OUT to PGND.....................................................-0.3V to +22V
OUT1, OUT2 to PGND ..............................-0.3V to (VDRV + 0.3V)
PGND to GND .......................................................-0.3V to +0.3V
P_OUT, N_OUT Continuous Source/Sink Current* .......... 200mA
OUT1, OUT2 Continuous Source/Sink Current*................200mA
Continuous Power Dissipation (TA = +70°C)
10-Pin TDFN, Single-Layer Board
(derate 18.5mW/°C above +70°C) ...........................1481.5mW
Junction-to-Case Thermal Resistance ............................8.5°C/W
10-Pin TDFN, Multilayer Board
(derate 24.4mW/°C above +70°C) ...........................1951.2mW
Junction-to-Case Thermal Resistance ............................8.5°C/W
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM SPECIFICATIONS
MAX15024B/D
6.5
28.0
VCC powered only, VREG =
VDRV decoupled with
minimum 1µF to GND
MAX15024A/C
4.5
28.0
VCC = VREG = VDRV (MAX15024D)
6.5
18.0
Input Voltage Range
VCC
VCC = VREG = VDRV (MAX15024C)
4.5
18.0
V
VDRV Turn-On Voltage
VDRV_ON
VCC = VREG = 10V, IN+ = VCC, IN- = GND
1.7
2.3
V
Quiescent Supply Current
IN_ = VCC or GND
700
1350
µA
Quiescent Supply Current
Under UVLO Condition
IN_ = VCC or GND
250
µA
Switching Supply Current
Switching at 250kHz, CL = 0
1.5
3.0
mA
VCC Undervoltage Lockout
UVLO_ VCC
VCC rising
3.0
3.4
3.8
V
VCC Undervoltage-Lockout
Hysteresis
300
mV
VCC rising
100
VCC Undervoltage Lockout to
Output Delay
VCC falling
2
µs
REG REGULATOR (VCC = 12V, REG = VDRV, CL = 1µF, FB/SET = GND)
Output Voltage
VREG
12V < VCC < 28V, 0 < ILOAD < 10mA
910
11
V
VCC = 6.5V, ILOAD = 100mA
0.4
0.9
Dropout Voltage
VR_DO
VCC = 4.5V, ILOAD = 50mA
0.2
0.5
V
Load Regulation
VCC = 12V, ILOAD = 0 to 100mA
1
%
Line Regulation
12V < VCC < 28V
10
mV
FB/SET Reference Voltage
External resistive divider connected at
FB/SET
1.10
1.23
1.35
V
FB/SET Threshold
VFB falling
220
mV
FB/SET Input Leakage Current
VFB = 5.5V (Note 2)
-125
+125
nA
*
Continuous output current is limited by the power dissipation of the package.


Similar Part No. - MAX15025HATB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15025 MAXIM-MAX15025 Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
MAX15025AATB MAXIM-MAX15025AATB Datasheet
401Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers AEC-Q100 Qualified
Rev 3; 4/11
MAX15025AATB++ MAXIM-MAX15025AATB+ Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
MAX15025AATB+T MAXIM-MAX15025AATB+T Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
MAX15025AATV MAXIM-MAX15025AATV Datasheet
401Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers AEC-Q100 Qualified
Rev 3; 4/11
More results

Similar Description - MAX15025HATB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024_10 Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
MAX15024 MAXIM-MAX15024_11 Datasheet
401Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers AEC-Q100 Qualified
Rev 3; 4/11
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
logo
Texas Instruments
REF200 TI1-REF200 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Source and Current Sink
logo
List of Unclassifed Man...
UDN-2980A ETC1-UDN-2980A Datasheet
92Kb / 2P
   HIGH-VOLTAGE, HIGH-CURRENT SOURCE DRIVERS
logo
Texas Instruments
REF200 TI-REF200_15 Datasheet
1Mb / 34P
[Old version datasheet]   REF200 Dual Current Source and Current Sink
logo
ON Semiconductor
NCV5701A ONSEMI-NCV5701A Datasheet
336Kb / 20P
   High Current IGBT Gate Drivers
October, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com