Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKIIP642GB120-2D Datasheet(PDF) 1 Page - Semikron International

Part # SKIIP642GB120-2D
Description  2-pack - integrated intelligent Power System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKIIP642GB120-2D Datasheet(HTML) 1 Page - Semikron International

  SKIIP642GB120-2D_07 Datasheet HTML 1Page - Semikron International SKIIP642GB120-2D_07 Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SKiiP
® 2
2-pack - integrated
intelligent Power System
Power section
SKiiP 642GB120-2D
Power section features
1)
8)
Case S 2
Absolute Maximum Ratings
Symbol Conditions
Values
Units
IGBT
Inverse diode
Characteristics
Symbol Conditions
min.
typ.
max.
Units
IGBT
Inverse diode
Mechanical data
Thermal characteristics (P16 heat sink; 310 m
3/h); "
r
" reference to
temperature sensor
This technical information specifies semiconductor devices but promises no
characteristics. No warranty or guarantee, expressed or implied is made regarding
delivery, performance or suitability.
SKiiP 642GB120-2D INTEGRATED DRIVER, SENSORS
1
28-02-2007 HER
© by SEMIKRON


Similar Part No. - SKIIP642GB120-2D_07

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKIIP642GB120-2D SEMIKRON-SKIIP642GB120-2D Datasheet
62Kb / 2P
   2-pack - integrated intelligent Power System
More results

Similar Description - SKIIP642GB120-2D_07

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKIIP1013GB172-2DL SEMIKRON-SKIIP1013GB172-2DL_09 Datasheet
98Kb / 2P
   2-pack-integrated intelligent Power System
SKIIP1513GB122-3DL SEMIKRON-SKIIP1513GB122-3DL Datasheet
104Kb / 2P
   2-pack-integrated intelligent Power System
SKIIP592GB170-2D SEMIKRON-SKIIP592GB170-2D_07 Datasheet
66Kb / 2P
   2-pack - integrated intelligent Power System
SKIIP1203GB172-2DW SEMIKRON-SKIIP1203GB172-2DW_10 Datasheet
86Kb / 2P
   2-pack-integrated intelligent Power System
SKIIP2403GB172-4DW_0908 SEMIKRON-SKIIP2403GB172-4DW_0908 Datasheet
98Kb / 2P
   2-pack-integrated intelligent Power System
SKIIP642GB120-2D SEMIKRON-SKIIP642GB120-2D Datasheet
62Kb / 2P
   2-pack - integrated intelligent Power System
SKIIP2403GB172-4DW SEMIKRON-SKIIP2403GB172-4DW Datasheet
109Kb / 2P
   2-pack-integrated intelligent Power System
792GB170-373CTV SEMIKRON-792GB170-373CTV Datasheet
71Kb / 2P
   2-pack - integrated intelligent Power System
SKIIP432GB120-2D SEMIKRON-SKIIP432GB120-2D_07 Datasheet
66Kb / 2P
   2-pack - integrated intelligent Power System
SKIIP1203GB172-2DW SEMIKRON-SKIIP1203GB172-2DW_07 Datasheet
93Kb / 2P
   2-pack-integrated intelligent Power System
642GB120-208CTV SEMIKRON-642GB120-208CTV Datasheet
66Kb / 2P
   2-pack - integrated intelligent Power System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com