Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17014ETM+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX17014ETM+
Description  Low-Cost Multiple-Output Power Supply for LCD TVs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17014ETM+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX17014ETM+ Datasheet HTML 3Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 4Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 5Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 6Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 7Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 8Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 9Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 10Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Low-Cost Multiple-Output
Power Supply for LCD TVs
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VIN = IN2 = 12V, AVDD = OVIN = SUP = 15V, TA = -40°C to +85°C. Typical values are at TA = +25°C, unless oth-
erwise noted.) (Note 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
VIN, IN2 Input Voltage Range
8.0
16.5
V
FSEL = VIN
1020
1380
SMPS Operating Frequency
FSEL = GND
510
690
kHz
VIN Undervoltage Lockout Threshold
VIN rising edge, 100mV typical hysteresis
5.75
7.25
V
VL REGULATOR
VL Output Voltage
IVL = 25mA, VFB1 = VFB2 = VFBP = 1.1V,
VFBN = 0.4V (all regulators switching)
4.9
5.1
V
VL Undervoltage Lockout Threshold
VL rising edge, 100mV typical hysteresis
3.5
4.3
V
REFERENCE
REF Output Voltage
No external load
1.235
1.265
V
REF Load Regulation
0 < ILOAD < 50μA
10
mV
REF Undervoltage Lockout Threshold
Rising edge; 20mV typical hysteresis
1.2
V
STEP-DOWN REGULATOR
OUT Voltage in Fixed Mode
FB2 = GND, no load (Note 2)
3.25
3.35
V
FB2 Voltage in Adjustable Mode
VOUT = 2.5V, no load (Note 2)
1.23
1.27
V
FB2 Adjustable-Mode
Threshold Voltage
Dual-mode comparator
0.10
0.20
V
Output Voltage Adjust Range
Step-down output
1.5
5.0
V
LX2-to-IN2 nMOS Switch
On-Resistance
240
m
LX2-to-CPGND nMOS Switch
On-Resistance
6
23
BST-to-VL pMOS Switch
On-Resistance
7
20
LX2 Positive Current Limit
2.50
3.50
A
Maximum Duty Factor
70
90
%
STEP-UP REGULATOR
Output Voltage Range
VVIN
20
V
Oscillator Maximum Duty Cycle
69
81
%
FB1 Regulation Voltage
FB1 = COMP, CCOMP = 1nF
1.23
1.27
V
LX1 Current Limit
VFB1 = 1.1V, duty cycle = 25%
3.2
4.2
A
Current-Sense Transresistance
0.16
0.30
V/A
LX1 On-Resistance
220
m


Similar Part No. - MAX17014ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17014ETM++ MAXIM-MAX17014ETM+ Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
More results

Similar Description - MAX17014ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
   Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX8728 MAXIM-MAX8728 Datasheet
424Kb / 29P
   Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Rev 0; 1/06
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX1530 MAXIM-MAX1530_09 Datasheet
607Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
logo
Monolithic Power System...
MP5600 MPS-MP5600 Datasheet
664Kb / 26P
   Compact Multiple-Output Power Supply for TV-LCD panel
logo
Global Mixed-mode Techn...
G5567 GMT-G5567 Datasheet
118Kb / 1P
   6-CH Bias Power Supply for LCD TVs
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
   Multiple Output Switching Power Supply
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com