Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX15010ATJ+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX15010ATJ+
Description  Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX15010ATJ+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Automotive 300mA LDO Voltage Regulators
with Tracker Output and Overvoltage Protector
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VIN = VEN_ = +14V, CIN = 10µF, COUT_LDO = 22µF, CTRACK = COUT_TRK = 10µF, VOUT_LDO = 5V, FB_LDO = SGND, TA = +25°C,
unless otherwise specified.)
LDO GROUND CURRENT
vs. LOAD CURRENT
LOAD CURRENT (mA)
0
0.3
0.6
0.9
0.1
0.4
0.7
0.2
0.5
0.8
1.0
90
85
80
75
70
65
60
55
TA = -40
°C
TA = +25
°C
TA = +125
°C
TA = +85
°C
LDO GROUND CURRENT
vs. LOAD CURRENT
LOAD CURRENT (mA)
0
75
150
225
25
100
175
50
125
200
250 275 300
130
120
140
110
100
90
80
70
60
TA = -40
°C
TA = +25
°C
TA = +85
°C
TA = +125
°C
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
20 40
-40
100
-60
120
80
060
-20
140
25
20
30
15
10
5
0
LDO POWER-SUPPLY REJECTION RATIO
FREQUENCY (Hz)
0.01
10
1
0.1
100
1000
0
-10
-20
-30
-40
-50
-60
-70
IOUT_LDO = 10mA
TRACKER POWER-SUPPLY REJECTION RATIO
FREQUENCY (kHz)
0.1
10
1
100
1000
0
-10
-20
-30
-40
-50
-60
-70
IOUT_LDO = 10mA
VIN UVLO HYSTERESIS
vs. TEMPERATURE
TEMPERATURE (
°C)
-50
75
25
-25
125
50
0
100
150
400
350
300
250
200
150
100
REF VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-50
75
25
-25
125
50
0
100
150
1.245
1.240
1.235
1.230
1.225
1.220
LDO OUTPUT VOLTAGE
vs. INPUT VOLTAGE
VIN (V)
020
10
30
40
6
5
4
3
2
1
0
IOUT_LDO = 10mA
IOUT_LDO = 300mA
(PULSED)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn