Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX15010ATJ+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX15010ATJ+
Description  Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX15010ATJ+ Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Automotive 300mA LDO Voltage Regulators
with Tracker Output and Overvoltage Protector
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IN Undervoltage Lockout
VUVLO
VIN falling, GATE disabled
4.10
4.27
4.45
V
IN Undervoltage Lockout
Hysteresis
VUVLO_HYST
260
mV
Internal Voltage Reference
REF
IREF = 0µA
1.21
1.235
1.26
V
Internal Voltage Reference
Maximum Current
IREF
ΔVREF = ±200mV
-6
+6
µA
Thermal-Shutdown
Temperature
TSHDN
+160
°C
Thermal Hysteresis
THYST
20
°C
LDO
ILOAD = 1mA, FB_LDO = SGND
4.92
5
5.09
Output Voltage
VOUT_LDO
ILOAD = 300mA, VIN = 8V,
FB_LDO = SGND
4.80
5
5.11
V
FB_LDO Set-Point Voltage
VFB_LDO
With respect to SGND, ILOAD = 1mA,
VOUT_LDO = 5V (adjustable output option)
1.21
1.235
1.26
V
FB_LDO rising
0.125
Dual Mode™ FB_LDO
Threshold
VFB_LDO_TH
FB_LDO falling
0.064
V
FB_LDO Input Current
IFB_LDO
VFB_LDO = 1V
-100
+100
nA
LDO Output Voltage Range
VLDO_ADJ
Adjustable output option (Note 2)
1.8
11.0
V
ILOAD = 300mA
775
1500
LDO Dropout Voltage
(Note 3)
VDO
ILOAD = 200mA
520
1000
mV
LDO Output Current
IOUT_LDO
(Note 4)
300
mA
LDO Output Current Limit
ILIM_LDO
OUT_LDO = GND, VIN = 6V
330
500
700
mA
6V
≤ VIN ≤ 40V, ILOAD = 1mA,
VOUT_LDO = 5V
0.03
0.2
6V
≤ VIN ≤ 40V, ILOAD = 1mA,
VOUT_LDO = 3.3V
0.03
0.1
6V
≤ VIN ≤ 40V, ILOAD = 20mA,
FB_LDO = SGND, VOUT_LDO = 5V
0.27
1
OUT_LDO Line Regulation
ΔVOUT/
ΔVIN
6V
≤ VIN ≤ 40V, ILOAD = 20mA,
VOUT_LDO = 3.3V
0.27
0.5
mV/V
1mA to 300mA, VIN = 8V,
FB_LDO = SGND, VOUT_LDO = 5V
0.054
0.15
OUT_LDO Load Regulation
ΔVOUT/
ΔIOUT
1mA to 300mA, VIN = 6.3V,
VOUT_LDO = 3.3V
0.038
0.1
mV/mA
OUT_LDO Power-Supply
Rejection Ratio
PSRR
ILOAD = 10mA, f = 100Hz, 500mVP-P,
COUT_LDO = 22µF, VOUT_LDO = 5V
60
dB
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VTRACK = +14V, VSGND = VPGND = 0V, CGATE = 6000pF, CIN = 10µF (ESR ≤ 1.5Ω), COUT_LDO = 22µF (ceramic), CTRACK =
3.3µF (ceramic) (ESR ≤ 1.5Ω), COUT_TRK = 10µF (ESR ≤ 1.5Ω), CREF = 1000pF, VOUT_LDO = 5V, TA = TJ = -40°C to +125°C, unless
otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Dual Mode is a trademark of Maxim Integrated Products, Inc.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn