Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX15010ATJ+ Datasheet(PDF) 21 Page - Maxim Integrated Products

Part No. MAX15010ATJ+
Description  Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX15010ATJ+ Datasheet(HTML) 21 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Automotive 300mA LDO Voltage Regulators
with Tracker Output and Overvoltage Protector
______________________________________________________________________________________
21
Chip Information
PROCESS: BiCMOS
MAX15010
TQFN
(5mm x 5mm)
+
TOP VIEW
29
30
28
27
12
11
13
14
12
N.C.
45
6
7
23
24
22
20
19
18
FB_TRK
TRACK
REF
N.C.
N.C.
N.C.
3
21
31
10
N.C.
N.C.
32
9
N.C.
CT
N.C.
26
15
FB_LDO
*EP
*EP = EXPOSED PAD
N.C.
25
16
EN_LDO
8
17
HOLD
Pin Configurations (continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn