Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX15010ATJ+ Datasheet(PDF) 20 Page - Maxim Integrated Products

Part No. MAX15010ATJ+
Description  Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX15010ATJ+ Datasheet(HTML) 20 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Automotive 300mA LDO Voltage Regulators
with Tracker Output and Overvoltage Protector
20
______________________________________________________________________________________
Typical Operating Circuits
CRESET
CREF
MAX15008
IN
TRACK
PGND
OUT_TRK
ADJ
FB_LDO
FB_TRK
OUT_LDO
RESET
CT
REF
SGND
GATE
CIN
5V TO 40V INPUT
EN_LDO
LDO ON/OFF
EN_PROT
PROTECTOR ON/OFF
EN_TRK
TRACKER ON/OFF
HOLD
HOLD
COUT_TRK
RPU
COUT_LDO
CTRACK
SOURCE
FB_PROT
DC-DC
CSOURCE
VOUT2
TRACKER OUTPUT
50mA
5V
300mA
VOUT1
VCC
RESET/EN
I/O
μC
CRESET
CREF
MAX15010
IN
TRACK
OUT_TRK
ADJ
FB_LDO
FB_TRK
OUT_LDO
RESET
CT
PGND
SGND
CIN
5V TO 40V INPUT
EN_LDO
LDO ON/OFF
EN_TRK
TRACKER ON/OFF
REF
COUT_TRK
RPU
COUT_LDO
CTRACK
HOLD
HOLD
TRACKER OUTPUT
5V
300mA
VCC
RESET/EN
I/O
μC
MAX5073


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn