Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX15010ATJ+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX15010ATJ+
Description  Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX15010ATJ+ Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Automotive 300mA LDO Voltage Regulators
with Tracker Output and Overvoltage Protector
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VTRACK = +14V, VSGND = VPGND = 0V, CGATE = 6000pF, CIN = 10µF (ESR ≤ 1.5Ω), COUT_LDO = 22µF (ceramic), CTRACK =
3.3µF (ceramic) (ESR ≤ 1.5Ω), COUT_TRK = 10µF (ESR ≤ 1.5Ω), CREF = 1000pF, VOUT_LDO = 5V, TA = TJ = -40°C to +125°C, unless
otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All pins referenced to SGND, unless otherwise noted.)
IN, GATE.................................................................-0.3V to +45V
TRACK.....................................................................-20V to +45V
EN_LDO, EN_PROT, EN_TRK .....................-0.3V to (VIN + 0.3V)
SOURCE ......................................................-0.3V to (VIN + 0.3V)
TRACK to OUT_TRK................................................-40V to +40V
OUT_TRK, FB_TRK, ADJ...........................................-5V to +45V
OUT_LDO, FB_LDO, FB_PROT,
RESET.................-0.3V to +12V
GATE to SOURCE ..................................................-0.3V to +12V
HOLD................................................-0.3V to (VOUT_LDO + 0.3V)
REF to SGND............................................................-0.3V to +6V
CT to SGND............................................................-0.3V to +12V
SGND to PGND .....................................................-0.3V to +0.3V
IN, OUT_LDO Current .......................................................700mA
TRACK, OUT_TRK Current ...............................................350mA
Current Sink/Source (all remaining pins) ............................50mA
Continuous Power Dissipation (TA = +70°C)
32-Pin TQFN (derate 34.5mW/°C above +70°C) .............2.7W*
Thermal Resistance
θJA ..............................................................................29.0°C/W
θJC................................................................................1.7°C/W
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VIN
540
V
EN_LDO = IN, EN_TRK =
EN_PROT = 0V, IOUT_LDO
= 0µA, LDO on, tracker
off, protector off,
measured from SGND
70
92
EN_LDO = EN_TRK = IN,
EN_PROT = 0V, LDO on,
IOUT_LDO = 100µA, tracker
on, IOUT_TRK = 0µA,
protector off, VFB_TRK =
VOUT_TRK, VADJ = VREF,
measured from SGND
120
180
MAX15008
EN_LDO = EN_TRK =
EN_PROT = IN, LDO on,
IOUT_LDO = 100µA, tracker
on, IOUT_TRK = 0µA,
protector on, VFB_TRK =
VOUT_TRK; VADJ = VREF,
measured from SGND
190
280
Supply Current
IIN
MAX15010
EN_LDO = EN_TRK = IN,
LDO on, IOUT_LDO =
100µA, tracker on,
IOUT_TRK = 0µA,
measured from SGND
120
180
µA
TA = -40°C to +85°C
16
30
Shutdown Supply Current
ISHDN
EN_LDO =
EN_PROT =
EN_TRK= 0V,
measured
from SGND
TA = -40°C to +125°C
40
µA
*
As per JEDEC51 Standard, Multilayer Board (PCB).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn