Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX15010ATJ+ Datasheet(PDF) 16 Page - Maxim Integrated Products

Part No. MAX15010ATJ+
Description  Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX15010ATJ+ Datasheet(HTML) 16 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Setting the RESET Timeout Period
The reset timeout period is adjustable to accommodate
a variety of applications. Set the reset timeout period by
connecting a capacitor, CRESET, between CT and
SGND. Use the following formula to select the reset
timeout period, tRESET:
tRESET = CRESET x VCT_TH / ICT
where tRESET is in seconds and CRESET is in µF.
VCT_TH is the CT ramp threshold in volts and ICT is the
CT ramp current in µA, as described in the
Electrical
Characteristics table.
Leave CT open to select an internally fixed timeout peri-
od of 10µs. To maintain reset timeout accuracy, use a
low-leakage (< 10nA) type capacitor.
Tracker Input/Feedback Adjustment
The tracker can be powered from the LDO input supply
voltage or an independent voltage source. It is
designed to supply power to a remote sensor and its
supply input, TRACK, is able to handle the severe con-
ditions in automotive applications such as battery
reversal and load-dump transients up to 45V.
The tracker feedback, FB_TRK, and a separate tracker
reference voltage input, ADJ, offer the flexibility of set-
ting the tracker output to be lower, equal to, or higher
than the main (LDO) output. Other external voltages
can also be tracked.
Connect ADJ to OUT_LDO and FB_TRK to OUT_TRK to
track the LDO output voltage directly (Figure 4a). To
track a voltage higher than VOUT_LDO, directly connect
ADJ to OUT_LDO and connect FB_TRK to OUT_TRK
through a resistive voltage-divider (Figure 4b). To track
a voltage lower than the LDO regulator output,
VOUT_LDO, directly connect FB_TRK to OUT_TRK and
connect ADJ to OUT_LDO through a resistive voltage-
divider (Figure 4c). To track an external voltage VX with
a generic attenuation/amplification ratio, connect resis-
tive voltage-dividers between ADJ and the voltage input
or output to be tracked (VX), and between OUT_TRK
and FB_TRK (Figure 4d). Pay attention to the resistive
loading of the voltage VX due to the divider R5, R6.
To track the internal REF voltage (1.235V), directly connect
ADJ to REF. The voltage at FB_TRK or ADJ should be
greater than or equal to 1.1V and less than VTRACK - 0.5V.
Resistors should have a tolerance of 1% or better. Their
values should be low enough to ensure that the divider
current is at least 100x the maximum input bias current
at pins FB_TRK and ADJ (IFB_TRK_ADJ, max = 0.2µA).
Automotive 300mA LDO Voltage Regulators
with Tracker Output and Overvoltage Protector
16
______________________________________________________________________________________
IN
LDO
OUTPUT
VIN
OUT_TRK
OUT_LDO
TRACKER
OUTPUT
FB_TRK
ADJ
MAX15008
MAX15010
TRACK
IN
LDO
OUTPUT
R3
VIN
OUT_TRK
OUT_LDO
TRACKER
OUTPUT
ADJ
MAX15008
MAX15010
R4
FB_TRK
R5
R6
R6
TRACK
TO TRACK VOUT_LDO:
VOUT_TRK = VOUT_LDO
TO TRACK A VOLTAGE HIGHER THAN
VOUT_LDO:
VOUT_TRK = VOUT_LDO x (R3 + R4) / R4,
R3 + R4 < VOUT_TRK / 20
μA
(a)
(b)
IN
LDO
OUTPUT
VIN
OUT_TRK
OUT_LDO
TRACKER
OUTPUT
FB_TRK
ADJ
MAX15008
MAX15010
TRACK
IN
R3
VIN
OUT_TRK
ADJ
TRACKER
OUTPUT
MAX15008
MAX15010
R4
FB_TRK
TRACK
TO TRACK A VOLTAGE LOWER THAN VOUT_LDO:
VOUT_TRK = VOUT_LDO x R6 / (R5 + R6),
R5 + R6 < VOUT_LDO / 20
μA
TO TRACK A GENERIC VOLTAGE VX:
VOUT_TRK = VX x (R6 / (R5 + R6)) x ((R3 + R4) / R4),
R5 + R6 < VX / 20
μA, R3 + R4 < VOUT_TRK / 20μA
R5
(c)
(d)
VX
Figure 4. Tracker Input and Feedback Adjustment


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn