Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX15010ATJ+ Datasheet(PDF) 15 Page - Maxim Integrated Products

Part No. MAX15010ATJ+
Description  Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX15010ATJ+ Datasheet(HTML) 15 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Applications Information
Load Dump
Most automotive applications run off a multicell 12V
lead-acid battery with a nominal voltage that swings
between 9V and 16V, depending on load current,
charging status, temperature, and battery age, etc. The
battery voltage is distributed throughout the automobile
and is locally regulated down to voltages required by
the different system modules. Load dump occurs when
the alternator is charging the battery and the battery
becomes disconnected. Power in the alternator (behav-
ing now essentially as an inductor) flows into the dis-
tributed power system and elevates the voltage seen at
each module. The voltage spikes have rise times typi-
cally greater than 5ms and decay within several hun-
dred milliseconds but can extend out to 1s or more
depending on the characteristics of the charging sys-
tem. These transients are capable of destroying semi-
conductors on the first fault event.
The MAX15008/MAX15010 feature load-dump transient
protection up to +45V.
Setting the Output Voltage
The MAX15008/MAX15010 feature dual-mode opera-
tion: these devices operate in either a preset voltage
mode or an adjustable mode. In preset voltage mode,
internal feedback resistors set the linear regulator out-
put voltage (VOUT_LDO) to 5V. To select the preset 5V
output voltage, connect FB_LDO to SGND.
To select an adjustable output voltage between 1.8V
and 11V, use two external resistors connected as a
voltage-divider to FB_LDO (Figure 3). Set the output
voltage using the following equation:
VOUT_LDO = VFB_LDO x (R1 + R2) / R2
where VFB_LDO = 1.235V and R2 ≤ 50kΩ.
Automotive 300mA LDO Voltage Regulators
with Tracker Output and Overvoltage Protector
______________________________________________________________________________________
15
IN
R1
R2
VIN
FB_LDO
SGND
OUT_LDO
MAX15008
MAX15010
Figure 3. Setting the LDO Output Voltage
Table 1. EN_LDO/H
HO
OL
LD
D Truth Table/State Table
OPERATION STATE
EN_LDO
HOLD
OUT_LDO
COMMENT
Initial State
Low
Don’t care
OFF
EN_LDO is pulled to SGND through an internal pulldown. HOLD
is unconnected and is internally pulled up to OUT_LDO. The
regulator is disabled.
Turn-On State
High
Don’t care
ON
EN_LDO is externally driven high turning regulator on. HOLD is
pulled up to OUT_LDO.
Hold Setup State
High
Low
ON
HOLD is externally pulled low while EN_LDO remains high
(latches EN_LDO state).
Hold State
Low
Low
ON
EN_LDO is driven low or left unconnected. HOLD remains
externally pulled low keeping the regulator on.
Off State
Low
High or
unconnected
OFF
HOLD is driven high or left unconnected while EN_LDO is low.
The regulator is turned off and EN_LDO/HOLD logic returns to the
initial state.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn