Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX15010ATJ+ Datasheet(PDF) 12 Page - Maxim Integrated Products

Part No. MAX15010ATJ+
Description  Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX15010ATJ+ Datasheet(HTML) 12 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Automotive 300mA LDO Voltage Regulators
with Tracker Output and Overvoltage Protector
12
______________________________________________________________________________________
Functional Diagram
BIAS AND VOLTAGE
REFERENCE
REVERSE-BATTERY
PROTECTION
CONTROL
LOGIC
VREF 1.235V
OUT_LDO
FB_LDO
CT
RESET
OUT_TRK
FB_TRK
GATE
VIN
SOURCE
M
U
X
0.125V
5V LDO
OUTPUT
TRACKER
OUTPUT
PROTECTOR
OUTPUT
RESET
OUTPUT
IN
LDO
IN
REF
5V TO 40V
VIN
TRACK
ADJ
-20V TO +40V
EN_TRK
TRACKER
ENABLE
TRACKER
EN_PROT
EP
SGND
PGND
ENABLE
PROTECTOR
EN_LDO
ENABLE LDO
HOLD
HOLD
2
μA
0.92 x VREF
VREF
4.75V
IN
GATE UVLO
VREF
VREF
OVERVOLTAGE PROTECTOR
(MAX15008 ONLY)
FB_PROT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn