Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX15010ATJ+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part No. MAX15010ATJ+
Description  Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX15010ATJ+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Automotive 300mA LDO Voltage Regulators
with Tracker Output and Overvoltage Protector
10
______________________________________________________________________________________
Pin Description
PIN
MAX15008
MAX15008
NAME
FUNCTION
1, 2, 8, 11,
23, 24, 26,
27, 28, 31,
32
1, 2, 8,
10–13, 18,
23, 24, 26,
27, 28, 31,
32
N.C.
No Connection. Not internally connected.
3
3
OUT_TRK
Tracker Output. Bypass OUT_TRK to SGND with a 10µF (min) capacitor with low ESR
(
≤ 1.5Ω).
4
4
ADJ
Tracker Amplifier Input. Connect ADJ to OUT_LDO or to an external source to track.
Alternatively, connect ADJ to REF to provide the reference voltage to the tracker.
5
5
SGND
Signal Ground
6
6
PGND
Ground. PGND is also the return path for the overvoltage protector pulldown current for
the MAX15008. In this case, connect PGND to SGND at the negative terminal of the
bypass capacitor connected to the source of the external MOSFET. For the MAX15010,
connect PGND to SGND together to the local ground plane.
77
RESET
Active-Low Open-Drain Reset Output. RESET is low while OUT_LDO is below the reset
threshold. Once OUT_LDO has exceeded the reset threshold, RESET remains low for
the duration of the reset timeout period before going high.
99
CT
Reset Timeout Adjust Input. Connect a capacitor (CRESET) from CT to ground to adjust
the reset timeout period. See the Setting the RESET Timeout Period section.
10
FB_PROT
Overvoltage Threshold Adjustment Input. Connect FB_PROT to an external resistive
voltage-divider network to adjust the desired overvoltage threshold. Use FB_PROT to
monitor a system input or output voltage. See the Setting the Overvoltage Threshold
(MAX15008 Only) section.
12
GATE
Protector Gate Drive Output. Connect GATE to the gate of an external n-channel MOSFET.
GATE is the output of a charge pump with a 45µA pullup current to 7.1V (typ) above IN
during normal operation. GATE is quickly turned off through a 63mA internal pulldown
during an overvoltage condition. GATE then remains low until FB_PROT has decreased
96% below the threshold. GATE pulls low when EN_PROT is low.
13
SOURCE
Output-Voltage Sense Input. Connect SOURCE to the source of the external n-channel
MOSFET.
14
14
REF
1.235V Voltage Reference Output. Bypass REF to SGND with a 1nF or larger capacitor.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn