Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX15010ATJ+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part No. MAX15010ATJ+
Description  Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX15010ATJ+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Automotive 300mA LDO Voltage Regulators
with Tracker Output and Overvoltage Protector
_______________________________________________________________________________________
9
PROTECTOR GATE VOLTAGE
vs. INPUT VOLTAGE (MAX15008 ONLY)
VIN (V)
20
25
15
30
40
10
35
5
0
50
40
30
20
45
35
25
10
0
15
5
VGATE
VIN
PROTECTOR STARTUP RESPONSE
(MAX15008 ONLY)
MAX15008 toc26
10ms/div
VIN
10V/div
VGATE
10V/div
VOUT_PROT
10V/div
IOUT_PROT = 1A
0V
0V
0V
OVERVOLTAGE SWITCH FAULT
(MAX15008 ONLY)
MAX15008 toc27
400
μs/div
VIN
10V/div
VGATE
20V/div
VOUT_PROT
20V/div
0V
0V
0V
IOUT_PROT = 1A
VOV = 25V
OVERVOLTAGE LIMIT FAULT
(MAX15008 ONLY)
MAX15008 toc28
40ms/div
VIN
20V/div
VGATE
20V/div
VOUT_PROT
20V/div
IOUT_PROT = 1A
OV THRESHOLD = 35V
0V
0V
0V
RESET TIMEOUT DELAY
vs. CRESET
CRESET (nF)
8
6
210
4
0
7
5
3
6
4
2
0
1
RESET TIMEOUT DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
-25
25
0
100 125
50
150
75
-50
0
0.6
1.2
1.8
0.4
1.0
1.6
0.2
0.8
1.4
2.0
CRESET = 2.2nF
CRESET = 220pF
Typical Operating Characteristics (continued)
(VIN = VEN_ = +14V, CIN = 10µF, COUT_LDO = 22µF, CTRACK = COUT_TRK = 10µF, VOUT_LDO = 5V, FB_LDO = SGND, TA = +25°C,
unless otherwise specified.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn