Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15003ATM+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX15003ATM+
Description  Triple-Output Buck Controller with Tracking/Sequencing
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15003ATM+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX15003ATM+ Datasheet HTML 2Page - Maxim Integrated Products MAX15003ATM+ Datasheet HTML 3Page - Maxim Integrated Products MAX15003ATM+ Datasheet HTML 4Page - Maxim Integrated Products MAX15003ATM+ Datasheet HTML 5Page - Maxim Integrated Products MAX15003ATM+ Datasheet HTML 6Page - Maxim Integrated Products MAX15003ATM+ Datasheet HTML 7Page - Maxim Integrated Products MAX15003ATM+ Datasheet HTML 8Page - Maxim Integrated Products MAX15003ATM+ Datasheet HTML 9Page - Maxim Integrated Products MAX15003ATM+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Triple-Output Buck Controller with
Tracking/Sequencing
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Figure 8, VIN = 12V, CREG = 2.2µF, TA = +25°C, unless otherwise noted.)
SWITCHING FREQUENCY ACCURACY
vs. TEMPERATURE
TEMPERATURE (
°C)
50
100
75
10
8
6
4
2
0
-2
-4
-6
-8
-10
-50
125
-25
0
25
150
fSW = 600kHz
VALLEY CURRENT-LIMIT THRESHOLD
vs. VILIM
VILIM (mV)
2000
2500
350
300
250
200
150
100
50
500
3000
1000
1500
3500
VALLEY CURRENT-LIMIT THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
50
25
75
100
90
80
70
60
50
40
30
20
-50
100 125
-25
0
150
RILIM = 25.5k
TEMPERATURE COEFFICIENT
(NOM.) = 3,333ppm/
°C
SWITCHING CURRENT
vs. FREQUENCY
FREQUENCY (kHz)
1200
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
200
1700
700
2200
RATIOMETRIC STARTUP
MAX15003 toc13
1ms/div
10V/div
1V/div
1V/div
1V/div
0V
VOUT1, 2, 3
VIN
VEN2 = VEN3 = 0V, SEL = REG
RATIOMETRIC SHUTDOWN
MAX15003 toc14
400
µs/div
500mV/div
500mV/div
0V
VOUT1, 2, 3
VOUT2
VOUT3
VOUT1
VEN2 = VEN3 = 0V, SEL = REG
CHANNEL 2 SHORT CIRCUIT
(RATIOMETRIC MODE)
MAX15003 toc15
400
µs/div
1V/div
1V/div
0V
VOUT2
VOUT3
VOUT1
VEN2 = VEN3 = 0V, SEL = REG
CHANNEL 1 SHORT CIRCUIT
(RATIOMETRIC MODE)
MAX15003 toc16
400
µs/div
1V/div
1V/div
1V/div
0V
0V
VOUT2
VOUT3
VOUT1
VEN2 = VEN3 = 0V, SEL = REG


Similar Part No. - MAX15003ATM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15003 MAXIM-MAX15003 Datasheet
347Kb / 12P
   Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
MAX15003EVKIT MAXIM-MAX15003EVKIT Datasheet
347Kb / 12P
   Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
MAX15003EVKIT++ MAXIM-MAX15003EVKIT+ Datasheet
347Kb / 12P
   Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
MAX15003 MAXIM-MAX15003_12 Datasheet
769Kb / 31P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 1; 8/12
More results

Similar Description - MAX15003ATM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15003 MAXIM-MAX15003_12 Datasheet
769Kb / 31P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 1; 8/12
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002 MAXIM-MAX15002_12 Datasheet
505Kb / 29P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 2; 10/12
logo
Analog Devices
ADP1877 AD-ADP1877 Datasheet
3Mb / 32P
   Dual Output Synchronous Buck PWM Controller With Tracking
REV. 0
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40101 TI-TPS40101 Datasheet
664Kb / 35P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
logo
Linear Technology
LTC3708 LINER-LTC3708 Datasheet
420Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3708 LINER-LTC3708_15 Datasheet
417Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
logo
Analog Intergrations Co...
AIC1341 AIC-AIC1341 Datasheet
231Kb / 14P
   High Performance, Triple-Output, Auto-Tracking Combo Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com